Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM03A-P4S-020 Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM03A-P4S-020
Description  DeviceNet Mini-style Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM03A-P4S-020 Datasheet(HTML) 1 Page - DDK Ltd.

  CM03A-P4S-020 Datasheet HTML 1Page - DDK Ltd. CM03A-P4S-020 Datasheet HTML 2Page - DDK Ltd. CM03A-P4S-020 Datasheet HTML 3Page - DDK Ltd. CM03A-P4S-020 Datasheet HTML 4Page - DDK Ltd. CM03A-P4S-020 Datasheet HTML 5Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
 Item
 Plug
Jack
Contact
Copper Alloy/Gold Plating
Copper Alloy/Gold Plating
Insulator
Synthetic Resin(UL94V-0)/Gray
Synthetic Resin(UL94V-0)/Gray
Coupling Ring
Zinc Alloy/Nickel Plating
Zinc Alloy/Nickel Plating
O Ring
Synthetic Rubber/Black
Overmolding Resin
Plastic(UL94V-0)/Black
Plastic(UL94V-0)/Black
CM03A series is a overmolded cable
assembly which is in accordance with
DeviceNet Mini-Style,an official standard of
ODVA(Open DeviceNet Vendor Association,
lnc.).The connectors are provided with a
premating contact which is a first
make-last break contact to protect the
circuit.
When mated, the premating contact is connected first before the other contacts and is detached last
when dismated. CM03A series will be supplied by the style of the cable assemblies in order for you to
eliminate the termination job. The cable assemblies for power are also available from our product line.
CM03A Series (Overmolded Cable Assembly)
DeviceNet Mini-style Connectors
RoHS
Compliant
RoHS
Compliant
DeviceNet Thick Cable
(AWG15)
(AWG15)
(AWG18)
(AWG18)
Jacket
Drain Wire
DC power lnsulation
Data lnsulation
Data lnsulation
DC power lnsulation
Color:Red
Color:Biue
Color:White
Color:Black
AL/MY Shield
AL/MY Shield
Braid Shield
Rated Current  
8A/Contact
Rated Voltage
125V DC
Dielectric Withstanding Voltage  
1500V AC(r.m.s.) for 1 minute
Insulation Resistance
100M Ω Min. at 500V DC
Operating Temperature Range
-20℃ to +70℃
Waterproof
IP67 when mated
Pin Contact Size
φ 2.0 mm
No. of Contacts
4 and 5
090209
Waterproof
IP 67
DeviceNet
Conforming
Standard
Lock Type
Threaded
Coupling
・Intermateable with CM03 series.
・Rated for IP67 for environments.
・Solder termination style.
◆ OUTLINE
◆ FEATURES
◆ SPECIFICATIONS
◆ MATERIAL/FINISH


Similar Part No. - CM03A-P4S-020

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM03A-P4S-020 DDK-CM03A-P4S-020 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
More results

Similar Description - CM03A-P4S-020

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM03A-R4P-S DDK-CM03A-R4P-S Datasheet
727Kb / 2P
   DeviceNet Mini-Style Connectors
CM03 DDK-CM03 Datasheet
234Kb / 3P
   DeviceNet Mini-Style Connectors
CM03AA-P4S-010 DDK-CM03AA-P4S-010 Datasheet
1Mb / 5P
   DeviceNet Mini-style Connectors
CM03-P4S DDK-CM03-P4S Datasheet
214Kb / 3P
   DeviceNet Mini-Style Connectors
CM03A DDK-CM03A_1 Datasheet
146Kb / 2P
   DeviceNet Mini-Style Connectors
CM02BA-8DP5S-010 DDK-CM02BA-8DP5S-010 Datasheet
731Kb / 3P
   DeviceNet Micro-Style Connectors
CM02-8D2TA5-CF DDK-CM02-8D2TA5-CF Datasheet
797Kb / 6P
   DeviceNet Micro-Style Connectors
CM02 DDK-CM02 Datasheet
301Kb / 6P
   DeviceNet Micro-Style Connectors
CM02B DDK-CM02B Datasheet
216Kb / 3P
   DeviceNet Micro-Style Connectors
logo
Molex Electronics Ltd.
130025-0073 MOLEX11-130025-0073 Datasheet
33Kb / 2P
   DeviceNet Thick Stranded Cable, Double Ended Mini-Change
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com