Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM08-P3S-010-CF Datasheet(PDF) 1 Page - DDK Ltd.

Part # CM08-P3S-010-CF
Description  M8 Sized & Sealed Circular Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

CM08-P3S-010-CF Datasheet(HTML) 1 Page - DDK Ltd.

  CM08-P3S-010-CF Datasheet HTML 1Page - DDK Ltd. CM08-P3S-010-CF Datasheet HTML 2Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
 Your checking the latest specifications with our drawings would be highly appreciated.
The CM08 series is a small sized and sealed circular connector developed for the connection
of various sensor equipment. This series conforms to NECA 4202, official standards of the
Japan Electric Control Equipment Industry Association.
The use of the CM08 series will drastically decrease wiring work man-hours needed to
connect sensors. The mating screw is downsized to M8. This meets recent needs for compact
equipment. The CM08 series can be used in harsh environmental conditions, having IP67 rated
for protection against moisture and dust.
1. Various sensors
2. Measurement equipment, medical equipment, telecommunications
equipment, and various other electronic and electric equipment
CM08 Series(Overmolded Cable Assembly)
M8 Sized & Sealed Circular Connector
Specifications of cable
1.Heatproof vinyl insulation. Heat and oil resistant PVC sheathed cables
2.Finish outside diameter:φ 0.4mm
3.Cable Conductor size:0.2mm2
Rated Voltage
125V DC
Rated Current
1A / Contact
Dielectric Withstanding Voltage
1,000V AC(rms)for 1 minute
Insulation Resistance
100M Ω Min. at 500V DC
Protection Rate
IP67 when mated
Pin Contact Size
φ 1.0mm
No. of Contacts
3 and 4
Insulator
Plastic(UL94V-0)/Gray
Contact
Copper Alloy/Gold Plating
O-Ring
Synthetic Rubber/Black
Coupling Ring
Copper Alloy/Nickel Plating
Over Molding
Plastic(UL94V-0)/Black
RoHS
Compliant
RoHS
Compliant
Style
Contact Arrangements
3 Contacts
4 Contacts
090312
Lock Type
Threaded
Coupling
Size
M8
Waterproof
IP 67
Conforming
Standard
NECA 4202
◆ OUTLINE
◆ APPLICATIONS
◆ SPECIFICATIONS
◆ MATERIALS/FINISH


Similar Part No. - CM08-P3S-010-CF

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
CM0805C161R-10 LSTD-CM0805C161R-10 Datasheet
141Kb / 1P
   this print is the property of laird tech
CM0805C221R-10 LSTD-CM0805C221R-10 Datasheet
139Kb / 1P
   this print is the property of laird tech
CM0805D900R-10 LSTD-CM0805D900R-10 Datasheet
141Kb / 1P
   this print is the property of laird tech
logo
Taiyo Yuden (U.S.A.), I...
CM08RA17 TAIYO-YUDEN-CM08RA17 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
CM08RA20 TAIYO-YUDEN-CM08RA20 Datasheet
142Kb / 1P
   Leaded Common Mode Choke Coils for DC and Signal lines
More results

Similar Description - CM08-P3S-010-CF

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM02B DDK-CM02B_1 Datasheet
311Kb / 5P
   M12 Sized & Sealed Circular Connector
CM02BA-8DP4S-010 DDK-CM02BA-8DP4S-010 Datasheet
751Kb / 5P
   M12 Sized & Sealed Circular Connector
CM04T DDK-CM04T Datasheet
179Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM04TA-8DP8S-010 DDK-CM04TA-8DP8S-010 Datasheet
990Kb / 2P
   M12 Sized & Sealed Circular Connectors
CM09 DDK-CM09 Datasheet
200Kb / 3P
   One-Touch Locking Style Small Sized Circular Connectors
CMV1-SP10S-S DDK-CMV1-SP10S-S Datasheet
918Kb / 7P
   One-Touch Locking Style Small Sized Circular Connectors
CM10 DDK-CM10 Datasheet
334Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S-D DDK-CM10-SP10S-S-D Datasheet
929Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM10-SP10S-S(D6) DDK-CM10-SP10S-S(D6) Datasheet
915Kb / 5P
   One-Touch Locking Style Small Sized Circular Connectors
CM09-P25P DDK-CM09-P25P Datasheet
1Mb / 4P
   One-Touch Locking Styled , Small Sized Circular Connectors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com