Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T2316162A-50 Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T2316162A-50
Description  1024K x 16 DYNAMIC RAM EDO PAGE MODE?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T2316162A-50 Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T2316162A-50 Datasheet HTML 1Page - Taiwan Memory Technology T2316162A-50 Datasheet HTML 2Page - Taiwan Memory Technology T2316162A-50 Datasheet HTML 3Page - Taiwan Memory Technology T2316162A-50 Datasheet HTML 4Page - Taiwan Memory Technology T2316162A-50 Datasheet HTML 5Page - Taiwan Memory Technology T2316162A-50 Datasheet HTML 6Page - Taiwan Memory Technology T2316162A-50 Datasheet HTML 7Page - Taiwan Memory Technology T2316162A-50 Datasheet HTML 8Page - Taiwan Memory Technology T2316162A-50 Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
TE
CH
tm
T2316162A
TM Technology Inc. reserves the right
P. 3
Publication Date: APR. 2002
to change products or specifications without notice.
Revision:E
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any pin Relative to VSS.... -1V to +7V
Operating Temperature, Ta (ambient).....
………0
°C to +70°C
Storage Temperature (plastic)...... -55
°C to +150°C
Power Dissipation ........................................ 1.2W
Short Circuit Output Current........................ 50mA
*Stresses greater than those listed under "Absolute
Maximum Ratings" may cause permanent damage
to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions above those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions
for
extended
periods
may
affect
reliability.
DC ELECTRICAL CHARACTERISTICS AND RECOMMENDED
OPERATING CONDITIONS
(0
°C ≤ Ta ≤ 70°C; VCC = 5V ± 10 % unless otherwise noted)
DESCRIPTION
CONDITIONS
SYM.
MIN
MAX
UNITS
NOTES
Supply Voltage
Vcc
4.5
5.5
V
1
Supply Voltage
Vss
0
0
V
Input High (Logic) voltage
VIH
2.4
Vcc+1
V
1
Input Low (Logic) voltage
VIL
-1.0
0.8
V
1
Input Leakage Current
0V
≤ VIN ≤ 7V
ILI
-10
10
uA
Output Leakage Current
0V
≤ VOUT≤ 7V
Output(s) disabled
ILO
-10
10
uA
Output High Voltage
IOH = -5 mA
VOH
2.4
Vcc
V
Output Low Voltage
IOL = 4.2 mA
VOL
0
0.4
V
Note: 1.All Voltages referenced to Vss
MAX
DESCRIPTION
CONDITIONS
SYM. -45
-50
-60
UNITS NOTES
Operating Current
RAS , CAS cycling , tRC = min
Icc1
190
180
170
mA
1,2
TTL Standby Current
TTL interface, RAS ,
CAS =VIH, DOUT=High-Z
Icc2
2
2
2
mA
RAS -only refresh Current
tRC = min
Icc3
190
180
170
mA
2
EDO Page Mode Current
tPC = min
Icc4
150
140
130
mA
1,3
CAS Before RAS Refresh
Current
tRC = min
Icc5
190
180
170
mA
CMOS Standby Current
CMOS interface, RAS , CAS >Vcc-
0.2V
Icc6
1.0
1.0
1.0
mA
1
Note: 1. Icc depends on output load condition when the device is selected.
Icc max is specified at the output open condition.
2. Address can be changed twice or less while RAS = VIL.
3. Address can be changed once or less while CAS = VIH.


Similar Part No. - T2316162A-50

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T2316160A TMT-T2316160A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T2316160A-45 TMT-T2316160A-45 Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T2316160A-60 TMT-T2316160A-60 Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
More results

Similar Description - T2316162A-50

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T2316160A TMT-T2316160A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM FAST PAGE MODE???
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A426316B AMICC-A426316B Datasheet
419Kb / 25P
   64K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com