Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-6690 Datasheet(PDF) 3 Page - BOSER Technology Co., Ltd

Part # BPC-6690
Description  19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6690 Datasheet(HTML) 3 Page - BOSER Technology Co., Ltd

  BPC-6690_1 Datasheet HTML 1Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 2Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 3Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Table of Contents
Chapter 1 General Description ..................................1
1.1 Major Features....................................................................... 2
1.2 Specifications ........................................................................ 2
1.3 Panel Specifications ............................................................. 3
1.4 Control Keys .......................................................................... 3
1.5 Dimensions ............................................................................ 4
Chapter 2 Unpacking ..................................................5
2.1 Opening the Delivery Package............................................. 5
2.2 Inspection............................................................................... 5
Chapter 3 Hardware Installation ..............................7
3.1 Open the Cover...................................................................... 7
3.2 HDD/CD-ROM Installation..................................................... 8
3.3 WLAN Device Installation ................................................... 10
Chapter 4 Touch Screen Driver Installation ..........11
4.1 Touch Screen Driver Installation ....................................... 11
4.2 Driver Functions.................................................................. 16


Similar Part No. - BPC-6690_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6690 BOSER-BPC-6690_11 Datasheet
653Kb / 1P
   19 Panel PC with Touch Screen, Core 2 Duo, 2W Stereo Speaker
More results

Similar Description - BPC-6690_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
   17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690 Datasheet
213Kb / 1P
   19" High Speed Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6170 BOSER-BPC-6170 Datasheet
1Mb / 28P
   15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
BPC-9219-F BOSER-BPC-9219-F Datasheet
596Kb / 1P
   19 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9219-Q BOSER-BPC-9219-Q Datasheet
588Kb / 1P
   19 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-6169 BOSER-BPC-6169 Datasheet
310Kb / 1P
   15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
BPC-9219-C BOSER-BPC-9219-C Datasheet
605Kb / 1P
   19 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-9219-Z BOSER-BPC-9219-Z Datasheet
215Kb / 1P
   19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
BPC-9219-O BOSER-BPC-9219-O Datasheet
587Kb / 1P
   19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9215-K BOSER-BPC-9215-K Datasheet
243Kb / 1P
   15 Panel PC with Touch Screen, T56N, 1 COM, 8 USB, 180W ATX P/S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com