Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-6690 Datasheet(PDF) 5 Page - BOSER Technology Co., Ltd

Part # BPC-6690
Description  19??Industrial Panel PC with MainBoard, Touch Screen 180W ATX P/S
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

BPC-6690 Datasheet(HTML) 5 Page - BOSER Technology Co., Ltd

  BPC-6690_1 Datasheet HTML 1Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 2Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 3Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 4Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 5Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 6Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 7Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 8Page - BOSER Technology Co., Ltd BPC-6690_1 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Safety Instructions
The safety recommendations outlined in this section are to be read,
understood and followed before operating the product. Keep this
information in a safe place for future reference. Failure to comply with any
of the following safety procedures could result in serious damage.
Do not operate product for any purposes other than its intended use
This product is intended for indoor use only
Do not operate product if power cord is damaged in anyway
Do not insert objects into openings
Do not immerse product in water or permit liquids to spill inside
Turn off power when unattended or not in use. Unplug product before
moving it or when it is not in use for an extended period of time. The
socket-outlet shall be installed near the equipment and shall be easily
accessible
Do not alter or extend electric plug. Plug is configured for appropriate
electrical supply
Do not overload electrical outlets beyond their capacity as this can result in a
fire
NOTE:
DO NOT TOUCH THE PRODUCT OR ANY OTHER SENSITIVE
COMPONENTS WITHOUT ALL NECESSARY ANTI-STATIC
PROTECTIONS.


Similar Part No. - BPC-6690_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6690 BOSER-BPC-6690_11 Datasheet
653Kb / 1P
   19 Panel PC with Touch Screen, Core 2 Duo, 2W Stereo Speaker
More results

Similar Description - BPC-6690_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
BPC-6671 BOSER-BPC-6671 Datasheet
968Kb / 22P
   17??Industrial Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6690 BOSER-BPC-6690 Datasheet
213Kb / 1P
   19" High Speed Panel PC with MainBoard, Touch Screen, 180W ATX P/S
BPC-6170 BOSER-BPC-6170 Datasheet
1Mb / 28P
   15??Industrial Panel PC with MainBoard, four PCI slots, Touch Screen, 300W ATX P/S
BPC-9219-F BOSER-BPC-9219-F Datasheet
596Kb / 1P
   19 Panel PC with Touch Screen, Atom N550, 2 COM, 4 USB, 180W ATX P/S
BPC-9219-Q BOSER-BPC-9219-Q Datasheet
588Kb / 1P
   19 Panel PC with Touch Screen, Core Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-6169 BOSER-BPC-6169 Datasheet
310Kb / 1P
   15" Industrial Panel PC with MainBoard, Expansion slot x 3, Touch Screen, 250W ATX P/S
BPC-9219-C BOSER-BPC-9219-C Datasheet
605Kb / 1P
   19 Panel PC with Touch Screen, P-M/C-M, 6 COM, 6 USB, 180W ATX P/S
BPC-9219-Z BOSER-BPC-9219-Z Datasheet
215Kb / 1P
   19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 4 USB, 180W ATX P/S
BPC-9219-O BOSER-BPC-9219-O Datasheet
587Kb / 1P
   19 Panel PC with Touch Screen, Core 2 Duo, 4 COM, 6 USB, 180W ATX P/S
BPC-9215-K BOSER-BPC-9215-K Datasheet
243Kb / 1P
   15 Panel PC with Touch Screen, T56N, 1 COM, 8 USB, 180W ATX P/S
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com