Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T224162B-45 Datasheet(PDF) 3 Page - Taiwan Memory Technology

Part # T224162B-45
Description  256K x 16 DYNAMIC RAM EDO PAGE MODE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T224162B-45 Datasheet(HTML) 3 Page - Taiwan Memory Technology

  T224162B-45 Datasheet HTML 1Page - Taiwan Memory Technology T224162B-45 Datasheet HTML 2Page - Taiwan Memory Technology T224162B-45 Datasheet HTML 3Page - Taiwan Memory Technology T224162B-45 Datasheet HTML 4Page - Taiwan Memory Technology T224162B-45 Datasheet HTML 5Page - Taiwan Memory Technology T224162B-45 Datasheet HTML 6Page - Taiwan Memory Technology T224162B-45 Datasheet HTML 7Page - Taiwan Memory Technology T224162B-45 Datasheet HTML 8Page - Taiwan Memory Technology T224162B-45 Datasheet HTML 9Page - Taiwan Memory Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TE
CH
tm
T224162B
Taiwan Memory Technology, Inc. reserves the right P. 3
Publication Date: AUG. 2000
to change products or specifications without notice.
Revision:L
ABSOLUTE MAXIMUM RATINGS*
Voltage on Any pin Relative to VSS..... -1V to +7V
Operating Temperature, Ta (ambient) ..0
°C to +70°C
Storage Temperature (plastic)........ -55
°C to +150°C
Power Dissipation ............................…...........
1.0W
Short Circuit Output Current.......…............... 50mA
*Stresses greater than those listed under "Absolute
Maximum Ratings" may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other
conditions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions for extended
periods
may
affect
reliability.
DC ELECTRICAL CHARACTERISTICS AND RECOMMENDED
OPERATING CONDITIONS
(0
°C ≤ Ta ≤ 70°C; VCC = 5V ± 10 % unless otherwise noted)
DESCRIPTION
CONDITIONS
SYM.
MIN
MAX
UNITS
NOTES
Supply Voltage
Vcc
4.5
5.5
V
1
Supply Voltage
Vss
0
0
V
Input High (Logic) voltage
VIH
2.4
Vcc+1
V
1
Input Low (Logic) voltage
VIL
-1.0
0.8
V
1
Input Leakage Current
0V
≤ VIN ≤ 7V
ILI
-10
10
uA
Output Leakage Current
0V
≤ VOUT≤ 7V
Output(s) disabled
ILO
-10
10
uA
Output High Voltage
IOH = -5 mA
VOH
2.4
Vcc
V
Output Low Voltage
IOL = 4.2 mA
VOL
0
0.4
V
Note: 1.All Voltages referenced to Vss
MAX
DESCRIPTION
CONDITIONS
SYM. -22 -25 -28 -35 -45 -50UNITSNOTES
Operating Current
RAS ,CAS cycling , tRC = min Icc1 190 180 170 150 130 110 mA
1,2
TTL interface, RAS ,
CAS =VIH, DOUT=High-Z
4
4
4
4
4
4
mA
Standby Current
CMOS interface, RAS , CAS >
Vcc-0.2V
Icc2
2
2
2
2
2
2
mA
RAS -only refresh
Current
tRC = min
Icc3 190 180 170 150 130 110 mA
2
Standby Current
RAS =VIH, CAS =VIL
Icc5 5
5
5
5
5
5
mA
1
CAS
Before RAS
Refresh Current
tRC = min
Icc6 190 180 170 150 130 110
mA
EDO Page Mode Current tPC = min
Icc7 190 180 170 150 130 110
mA
1,3
Note: 1. Icc depends on output load condition when the device is selected.
Icc max is specified at the output open condition.
2. Address can be changed twice or less while RAS = VIL.
3. Address can be changed once or less while CAS = VIH.


Similar Part No. - T224162B-45

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224160B-30 TMT-T224160B-30 Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224160B-35 TMT-T224160B-35 Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224160B-45 TMT-T224160B-45 Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
T224160B-60 TMT-T224160B-60 Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
More results

Similar Description - T224162B-45

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16256 ICSI-IS41LV16256 Datasheet
215Kb / 20P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T2316162A TMT-T2316162A Datasheet
139Kb / 13P
   1024K x 16 DYNAMIC RAM EDO PAGE MODE?
T224160B TMT-T224160B Datasheet
131Kb / 9P
   256K x 16 DYNAMIC RAM FAST PAGE MODE?
logo
Mosel Vitelic, Corp
V53C16258SH MOSEL-V53C16258SH Datasheet
154Kb / 20P
   HIGH PERFORMANCE 256K X 16 EDO PAGE MODE CMOS DYNAMIC RAM SELF REFRESH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com