Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF50DH120T3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGF50DH120T3G
Description  Asymmetrical - Bridge NPT IGBT Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF50DH120T3G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGF50DH120T3G Datasheet HTML 1Page - Microsemi Corporation APTGF50DH120T3G Datasheet HTML 2Page - Microsemi Corporation APTGF50DH120T3G Datasheet HTML 3Page - Microsemi Corporation APTGF50DH120T3G Datasheet HTML 4Page - Microsemi Corporation APTGF50DH120T3G Datasheet HTML 5Page - Microsemi Corporation APTGF50DH120T3G Datasheet HTML 6Page - Microsemi Corporation APTGF50DH120T3G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
APTGF50DH120T3G
www.microsemi.com
1- 7
Application
AC and DC motor control
Switched Mode Power Supplies
Features
Non Punch Through (NPT) Fast IGBT
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 50 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
RBSOA and SCSOA rated
-
Symmetrical design
Kelvin emitter for easy drive
Very low stray inductance
High level of integration
Internal thermistor for temperature monitoring
Benefits
Outstanding performance at high frequency
operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
Easy paralleling due to positive TC of VCEsat
RoHS compliant
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
23
R1
32
30
CR3
CR1
Q4
CR2
CR4
31
29
19
7
22
3
4
18
8
Q1
15
16
13
14
16
15
18
20
23 22
13
11 12
14
8
7
29
30
28 27 26
3
32
31
10
19
2
25
4
All multiple inputs and outputs must be shorted together
Example: 13/14 ; 29/30 ; 22/23 …
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
Tc = 25°C
70
IC
Continuous Collector Current
Tc = 80°C
50
ICM
Pulsed Collector Current
Tc = 25°C
150
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
Tc = 25°C
312
W
RBSOA Reverse Bias Safe Operating Area
Tj = 150°C
100A @ 1200V
VCES = 1200V
IC = 50A @ Tc = 80°C
Asymmetrical - Bridge
NPT IGBT Power Module


Similar Part No. - APTGF50DH120T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGF50DH120T ADPOW-APTGF50DH120T Datasheet
296Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF50DH120TG MICROSEMI-APTGF50DH120TG Datasheet
288Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
More results

Similar Description - APTGF50DH120T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DH120TG MICROSEMI-APTGF50DH120TG Datasheet
288Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF50DH120T ADPOW-APTGF50DH120T Datasheet
296Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF180DH60G MICROSEMI-APTGF180DH60G Datasheet
279Kb / 6P
   Asymmetrical - bridge NPT IGBT Power Module
APTGF50DH60T1G MICROSEMI-APTGF50DH60T1G Datasheet
255Kb / 7P
   Asymmetrical - Bridge NPT IGBT Power Module
APTGF90DH60T3G MICROSEMI-APTGF90DH60T3G Datasheet
210Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
APTGF90DH60TG MICROSEMI-APTGF90DH60TG Datasheet
289Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DH120T ADPOW-APTGF75DH120T Datasheet
278Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Microsemi Corporation
APTGF75DH120T3G MICROSEMI-APTGF75DH120T3G Datasheet
206Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
APTGF50DH60TG MICROSEMI-APTGF50DH60TG Datasheet
288Kb / 6P
   Asymmetrical - Bridge NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF150DH120 ADPOW-APTGF150DH120 Datasheet
294Kb / 5P
   Asymmetrical - Bridge NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com