Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2805DG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC2805DG4
Description  Low-Power BiCMOS Current-Mode PWM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC2805DG4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC2805DG4 Datasheet HTML 1Page - Texas Instruments UCC2805DG4 Datasheet HTML 2Page - Texas Instruments UCC2805DG4 Datasheet HTML 3Page - Texas Instruments UCC2805DG4 Datasheet HTML 4Page - Texas Instruments UCC2805DG4 Datasheet HTML 5Page - Texas Instruments UCC2805DG4 Datasheet HTML 6Page - Texas Instruments UCC2805DG4 Datasheet HTML 7Page - Texas Instruments UCC2805DG4 Datasheet HTML 8Page - Texas Instruments UCC2805DG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
UCC1800/1/2/3/4/5
UCC2800/1/2/3/4/5
UCC3800/1/2/3/4/5
ELECTRICAL CHARACTERISTICSUnless otherwise stated, these specifications apply for –55°C ≤ TA ≤ +125°C for
UCC180x; –40°C
≤ TA ≤ +85°C for UCC280x; 0°C ≤ TA ≤ +70°C for UCC380x; VCC=10V (Note 3); RT=100k from REF to RC;
CT=330pF from RC to GND; 0.1 F capacitor from VCC to GND; 0.1 F capacitor from VREF to GND. TA=TJ.
PARAMETER
TEST CONDITIONS
UCC180X
UCC280X
UCC380X
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Reference Section
Output Voltage
TJ=+25°C, I=0.2mA, UCCx800/1/2/4
4.925
5.00
5.075 4.925
5.00
5.075
V
TJ=+25°C, I=0.2mA, UCCx803/5
3.94
4.00
4.06
3.94
4.00
4.06
Load Regulation
0.2mA<I<5mA
10
30
10
25
mV
Line Regulation
TJ=+25°C,
VCC=10V to Clamp (IVCC=25mA)
1.9
1.9
mV/V
TJ=–55°C to +125°C,
VCC=10V to Clamp (IVCC=25mA)
2.5
2.1
mV/V
Total Variation
UCCx800/1/2/4 (Note 7)
4.88
5.00
5.10
4.88
5.00
5.10
V
UCCx803/5 (Note 7)
3.90
4.00
4.08
3.90
4.00
4.08
V
Output Noise Voltage
10Hz
≤ f ≤ 10kHz, TJ=+25°C (Note 9)
130
130
µV
Long Term Stability
TA=+125°C, 1000 Hours (Note 9)
5
5
mV
Output Short Circuit
–5
–35
–5
–35
mA
Oscillator Section
Oscillator Frequency
UCCx800/1/2/4 (Note 4)
40
46
52
40
46
52
kHz
UCCx803/5 (Note 4)
26
31
36
26
31
36
kHz
Temperature Stability
(Note 9)
2.5
2.5
%
Amplitude peak-to-peak
2.25
2.40
2.55
2.25
2.40
2.55
V
Oscillator Peak Voltage
2.45
2.45
V
Error Amplifier Section
Input Voltage
COMP=2.5V; UCCx800/1/2/4
2.44
2.50
2.56
2.44
2.50
2.56
V
COMP=2.0V; UCCx803/5
1.95
2.0
2.05
1.95
2.0
2.05
Input Bias Current
11
11
µA
Open Loop Voltage Gain
60
80
60
80
dB
COMP Sink Current
FB=2.7V, COMP=1.1V
0.3
3.5
0.4
2.5
mA
COMP Source Current
FB=1.8V, COMP=REF–1.2V
–0.2
–0.5
–0.8
–0.2
–0.5
–0.8
mA
Gain Bandwidth Product
(Note 9)
2
2
MHz
PWM Section
Maximum Duty Cycle
UCCx800/2/3
97
99
100
97
99
100
%
UCCx801/4/5
48
49
50
48
49
50
Minimum Duty Cycle
COMP=0V
0
0
%
Current Sense Section
Gain
(Note 5)
1.10
1.65
1.80
1.10
1.65
1.80
V/V
Maximum Input Signal
COMP=5V (Note 6)
0.9
1.0
1.1
0.9
1.0
1.1
V
Input Bias Current
200
200
200
200
nA
CS Blank Time
50
100
150
50
100
150
ns
Over-Current Threshold
1.42
1.55
1.68
1.42
1.55
1.68
V
COMP to CS Offset
CS=0V
0.45
0.90
1.35
0.45
0.90
1.35
V


Similar Part No. - UCC2805DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2805DG4 TI1-UCC2805DG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2805DG4 TI-UCC2805DG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2805DG4 TI1-UCC2805DG4 Datasheet
2Mb / 56P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
UCC2805DG4 TI1-UCC2805DG4 Datasheet
2Mb / 55P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM Controllers
More results

Similar Description - UCC2805DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-0-Q1 TI1-UCC2813-0-Q1 Datasheet
432Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC1802J TI-UCC1802J Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
UCC2801MDREPG4 TI-UCC2801MDREPG4 Datasheet
561Kb / 18P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC1800-DIE TI-UCC1800-DIE_15 Datasheet
82Kb / 5P
[Old version datasheet]   LOW-POWER BiCMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP Datasheet
337Kb / 12P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2800-EP TI-UCC2800-EP_08 Datasheet
368Kb / 15P
[Old version datasheet]   LOW-POWER BICMOS CURRENT-MODE PWM
UCC2813-Q1 TI-UCC2813-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   LOW -POWER BICMOS CURRENT-MODE PWM
UCC2803NG4 TI1-UCC2803NG4 Datasheet
4Mb / 26P
[Old version datasheet]   Low-Power BiCMOS Current-Mode PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com