Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT30TL60T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT30TL60T3G
Description  Three level inverter Trench Field Stop IGBT Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT30TL60T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT30TL60T3G Datasheet HTML 1Page - Microsemi Corporation APTGT30TL60T3G Datasheet HTML 2Page - Microsemi Corporation APTGT30TL60T3G Datasheet HTML 3Page - Microsemi Corporation APTGT30TL60T3G Datasheet HTML 4Page - Microsemi Corporation APTGT30TL60T3G Datasheet HTML 5Page - Microsemi Corporation APTGT30TL60T3G Datasheet HTML 6Page - Microsemi Corporation APTGT30TL60T3G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
APTGT30TL60T3G
www.microsemi.com
5- 7
Output Characteristics (VGE=15V)
TJ=25°C
TJ=25°C
TJ=125°C
TJ=150°C
0
10
20
30
40
50
60
00.511.5
2
2.5
3
VCE (V)
Output Characteristics
VGE=15V
VGE=13V
VGE=19V
VGE=9V
0
10
20
30
40
50
60
00.5
11.522.5
3
3.5
VCE (V)
TJ = 150°C
Transfert Characteristics
TJ=25°C
TJ=25°C
TJ=150°C
0
10
20
30
40
50
60
56
78
9
10
11
12
VGE (V)
Energy losses vs Collector Current
Eon
Eoff
0
0.5
1
1.5
2
0
10
2030
4050
60
IC (A)
VCE = 300V
VGE = 15V
RG = 10Ω
TJ = 150°C
Eon
Eon
Eoff
0
0.5
1
1.5
2
2.5
0
102030
40506070
Gate Resistance (ohms)
VCE = 300V
VGE =15V
IC = 30A
TJ = 150°C
Switching Energy Losses vs Gate Resistance
Reverse Bias Safe Operating Area
0
10
20
30
40
50
60
70
0
100
200
300
400
500
600
700
VCE (V)
VGE=15V
TJ=150°C
RG=10Ω
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds


Similar Part No. - APTGT30TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT30TL601G MICROSEMI-APTGT30TL601G Datasheet
231Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT30TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT150TL60G MICROSEMI-APTGT150TL60G Datasheet
226Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT300TL60G MICROSEMI-APTGT300TL60G Datasheet
225Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL60T3G MICROSEMI-APTGT50TL60T3G Datasheet
217Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT30TL601G MICROSEMI-APTGT30TL601G Datasheet
231Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT75TL60T3G MICROSEMI-APTGT75TL60T3G Datasheet
222Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT100TL60T3G MICROSEMI-APTGT100TL60T3G Datasheet
224Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT20TL601G MICROSEMI-APTGT20TL601G Datasheet
222Kb / 6P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL601G MICROSEMI-APTGT50TL601G Datasheet
232Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT200TL60G MICROSEMI-APTGT200TL60G Datasheet
226Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT20TL60T3G MICROSEMI-APTGT20TL60T3G Datasheet
208Kb / 6P
   Three level inverter Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com