Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT75DH60T1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGT75DH60T1G
Description  Asymmetrical - Bridge Trench Field Stop IGBT Power Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT75DH60T1G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGT75DH60T1G Datasheet HTML 1Page - Microsemi Corporation APTGT75DH60T1G Datasheet HTML 2Page - Microsemi Corporation APTGT75DH60T1G Datasheet HTML 3Page - Microsemi Corporation APTGT75DH60T1G Datasheet HTML 4Page - Microsemi Corporation APTGT75DH60T1G Datasheet HTML 5Page - Microsemi Corporation APTGT75DH60T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTGT75DH60T1G
www.microsemi.com
1 – 6
Pins 3/4 must be shorted together
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
600
V
TC = 25°C
100*
IC
Continuous Collector Current
TC = 80°C
75*
ICM
Pulsed Collector Current
TC = 25°C
140
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
250
W
RBSOA Reverse Bias Safe Operating Area
TJ = 150°C
150A @ 550V
* Specification of IGBT device but output current must be limited to 40A to not exceed a delta of temperature greater
than 35°C for the connectors.
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Trench + Field Stop IGBT Technology
-
Low voltage drop
-
Low tail current
-
Switching frequency up to 20 kHz
-
Soft recovery parallel diodes
-
Low diode VF
-
Low leakage current
-
RBSOA and SCSOA rated
Very low stray inductance
-
Symmetrical design
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
RoHS Compliant
Asymmetrical - Bridge
Trench + Field Stop IGBT
Power Module
VCES = 600V
IC = 75A* @ Tc = 80°C


Similar Part No. - APTGT75DH60T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT75DH60T3G MICROSEMI-APTGT75DH60T3G Datasheet
204Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT75DH60TG MICROSEMI-APTGT75DH60TG Datasheet
258Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT75DH60T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT75DH60T3G MICROSEMI-APTGT75DH60T3G Datasheet
204Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT50DH170T ADPOW-APTGT50DH170T Datasheet
281Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH170 ADPOW-APTGT100DH170 Datasheet
273Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT150DH60TG MICROSEMI-APTGT150DH60TG Datasheet
259Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH60TG MICROSEMI-APTGT100DH60TG Datasheet
259Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT50DH60T1G MICROSEMI-APTGT50DH60T1G Datasheet
212Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT100DH170G MICROSEMI-APTGT100DH170G Datasheet
254Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT150DH170G MICROSEMI-APTGT150DH170G Datasheet
251Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT150DH170 ADPOW-APTGT150DH170 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT300DH60G MICROSEMI-APTGT300DH60G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
APTGT50DH60TG MICROSEMI-APTGT50DH60TG Datasheet
258Kb / 5P
   Asymmetrical - Bridge Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com