Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4312816A-7S Datasheet(PDF) 4 Page - Taiwan Memory Technology

Part # T4312816A-7S
Description  8M x 16 SDRAM???
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T4312816A-7S Datasheet(HTML) 4 Page - Taiwan Memory Technology

  T4312816A-7S Datasheet HTML 1Page - Taiwan Memory Technology T4312816A-7S Datasheet HTML 2Page - Taiwan Memory Technology T4312816A-7S Datasheet HTML 3Page - Taiwan Memory Technology T4312816A-7S Datasheet HTML 4Page - Taiwan Memory Technology T4312816A-7S Datasheet HTML 5Page - Taiwan Memory Technology T4312816A-7S Datasheet HTML 6Page - Taiwan Memory Technology T4312816A-7S Datasheet HTML 7Page - Taiwan Memory Technology T4312816A-7S Datasheet HTML 8Page - Taiwan Memory Technology T4312816A-7S Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
TE
CH
tm
Preliminary T4312816A
TM Technology Inc. reserves the right
P. 4
Publication Date: APR. 2003
to change products or specifications without notice.
Revision: 0.B
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Voltage on Any Pin Relative To Vss
VIN,VOUT
-1.0 to 4.6
V
Supply Voltage Relative To Vss
VDD,VDDQ
-1.0 to 4.6
V
Short circuit Output Current
Iout
50
mA
Power Dissipation
PD
1
W
Operating Temperature
TOPR
0 to +70
°C
Storage Temperature
Tstg
-55 to +150
°C
Note : Permanent device damage may occur if ABSOLUTE MAXIMUM RATINGS are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
RECOMMENDED DC OPERATING CONDITIONS
(TA = 0 to +70
°°°°C, Voltage referenced to VSS=0V)
Parameter
Symbol
Min.
Typ
Max.
Unit
Notes
Supply Voltage
VDD,VDDQ
3.0
3.3
3.6
V
Input High Voltage
VIH
2.0
3.0
VDD+0.3V
V
Input Low Voltage
VIL
-0.3
0
0.8
V
Output logic high voltage
VOH
2.4
-
-
V
IOH=-4mA
Output logic low voltage
VOL
-
-
0.4
V
IOL=4mA
Input leakage current
IIL
-1
-
1
uA
1
Output leakage current
IOL
-1.5
-
1.5
uA
2
Note : 1. Any input 0V
VIN VDD+ 0.3V , all other pin are not under test = 0V.
2. Dout = disable, 0V
VOUT VDD .
CAPACITANCE
(TA =25
°C,VDD=3.3V, f = 1MHz)
Pin
Symbol
Min
Max
Unit
CLOCK
CCLK
2.5
4.0
pF
ADDRESS
CADD
2.5
5.0
pF
DQ0 ~ DQ15
COUT
4.0
6.5
pF
RAS,CAS,WE,CS,CKE,LDQM,
UDQM
CIN
2.5
5.0
pF


Similar Part No. - T4312816A-7S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-6S TMT-T4312816B-6S Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-6SG TMT-T4312816B-6SG Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-7S TMT-T4312816B-7S Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-7SG TMT-T4312816B-7SG Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
More results

Similar Description - T4312816A-7S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM828164PA EMLSI-EM828164PA Datasheet
621Kb / 48P
   128M: 8M x 16 Mobile SDRAM
logo
Etron Technology, Inc.
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Emerging Memory & Logic...
EMD28164PA EMLSI-EMD28164PA Datasheet
767Kb / 45P
   128M: 8M x 16 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Elite Semiconductor Mem...
M54D1G1664A ESMT-M54D1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks LPDDR2 SDRAM
M15F1G1664A ESMT-M15F1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Winbond
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com