Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT75DH120T3G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTGT75DH120T3G
Description  Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT75DH120T3G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTGT75DH120T3G Datasheet HTML 1Page - Microsemi Corporation APTGT75DH120T3G Datasheet HTML 2Page - Microsemi Corporation APTGT75DH120T3G Datasheet HTML 3Page - Microsemi Corporation APTGT75DH120T3G Datasheet HTML 4Page - Microsemi Corporation APTGT75DH120T3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTGT75DH120T3G
www.microsemi.com
5- 5
Forward Characteristic of diode
TJ=25°C
TJ=125°C
TJ=125°C
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Hard
switching
ZCS
ZVS
0
10
20
30
40
50
60
020
40
60
80
100
120
IC (A)
VCE=600V
D=50%
RG=4.7Ω
TJ=125°C
Tc=75°C
Operating Frequency vs Collector Current
maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Diode
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT75DH120T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75DH120T ADPOW-APTGT75DH120T Datasheet
280Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75DH120TG MICROSEMI-APTGT75DH120TG Datasheet
259Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT75DH120T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT100DH120TG ADPOW-APTGT100DH120TG Datasheet
283Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT150DH120 ADPOW-APTGT150DH120 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50DH120T ADPOW-APTGT50DH120T Datasheet
280Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT50DH120T3G MICROSEMI-APTGT50DH120T3G Datasheet
206Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT200DH120 ADPOW-APTGT200DH120 Datasheet
272Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100DH120TG MICROSEMI-APTGT100DH120TG Datasheet
258Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT150DH120G MICROSEMI-APTGT150DH120G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT50DH120TG MICROSEMI-APTGT50DH120TG Datasheet
260Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT75DH120TG MICROSEMI-APTGT75DH120TG Datasheet
259Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
APTGT200DH120G MICROSEMI-APTGT200DH120G Datasheet
250Kb / 5P
   Asymmetrical - Bridge Fast Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com