Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT75TL60T3G Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APTGT75TL60T3G
Description  Three level inverter Trench Field Stop IGBT Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT75TL60T3G Datasheet(HTML) 4 Page - Microsemi Corporation

  APTGT75TL60T3G Datasheet HTML 1Page - Microsemi Corporation APTGT75TL60T3G Datasheet HTML 2Page - Microsemi Corporation APTGT75TL60T3G Datasheet HTML 3Page - Microsemi Corporation APTGT75TL60T3G Datasheet HTML 4Page - Microsemi Corporation APTGT75TL60T3G Datasheet HTML 5Page - Microsemi Corporation APTGT75TL60T3G Datasheet HTML 6Page - Microsemi Corporation APTGT75TL60T3G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
APTGT75TL60T3G
www.microsemi.com
4- 7
Thermal and package characteristics
Symbol
Characteristic
Min
Typ
Max
Unit
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ
Operating junction temperature range
-40
175
TSTG
Storage Temperature Range
-40
125
TC
Operating Case Temperature
-40
100
°C
Torque Mounting torque
To heatsink
M4
2.5
4.7
N.m
Wt
Package Weight
110
g
SP3 Package outline (dimensions in mm)
12
1
See application note 1901 - Mounting Instructions for SP3 Power Modules on www.microsemi.com
Q1 to Q4 Typical performance curve
Hard
switching
0
15
30
45
60
75
0
2040
6080
100
I
C (A)
V
CE=300V
D=50%
R
G=4.7Ω
T
J=150°C
T
c=85°C
Operating Frequency vs Collector Current


Similar Part No. - APTGT75TL60T3G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTGT75TA120P ADPOW-APTGT75TA120P Datasheet
290Kb / 5P
   Triple phase leg Trench IGBT Power Module
logo
Microsemi Corporation
APTGT75TA120PG MICROSEMI-APTGT75TA120PG Datasheet
258Kb / 5P
   Triple phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT75TA60P ADPOW-APTGT75TA60P Datasheet
283Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT75TA60PG MICROSEMI-APTGT75TA60PG Datasheet
257Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT75TDU120P ADPOW-APTGT75TDU120P Datasheet
290Kb / 5P
   Triple Dual Common Source Trench IGBT Power Module
More results

Similar Description - APTGT75TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT30TL60T3G MICROSEMI-APTGT30TL60T3G Datasheet
217Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT150TL60G MICROSEMI-APTGT150TL60G Datasheet
226Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT300TL60G MICROSEMI-APTGT300TL60G Datasheet
225Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL60T3G MICROSEMI-APTGT50TL60T3G Datasheet
217Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT30TL601G MICROSEMI-APTGT30TL601G Datasheet
231Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT100TL60T3G MICROSEMI-APTGT100TL60T3G Datasheet
224Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT20TL601G MICROSEMI-APTGT20TL601G Datasheet
222Kb / 6P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL601G MICROSEMI-APTGT50TL601G Datasheet
232Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT200TL60G MICROSEMI-APTGT200TL60G Datasheet
226Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT20TL60T3G MICROSEMI-APTGT20TL60T3G Datasheet
208Kb / 6P
   Three level inverter Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com