Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGT100TL60T3G Datasheet(PDF) 7 Page - Microsemi Corporation

Part # APTGT100TL60T3G
Description  Three level inverter Trench Field Stop IGBT Power Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGT100TL60T3G Datasheet(HTML) 7 Page - Microsemi Corporation

  APTGT100TL60T3G Datasheet HTML 1Page - Microsemi Corporation APTGT100TL60T3G Datasheet HTML 2Page - Microsemi Corporation APTGT100TL60T3G Datasheet HTML 3Page - Microsemi Corporation APTGT100TL60T3G Datasheet HTML 4Page - Microsemi Corporation APTGT100TL60T3G Datasheet HTML 5Page - Microsemi Corporation APTGT100TL60T3G Datasheet HTML 6Page - Microsemi Corporation APTGT100TL60T3G Datasheet HTML 7Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
APTGT100TL60T3G
www.microsemi.com
7- 7
CR5 & CR6 Typical performance curve
Energy losses vs Collector Current
0
1
2
3
4
0
25
50
75 100 125 150 175 200
IF (A)
VCE = 300V
RG = 3.3Ω
TJ = 150°C
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
Gate Resistance (ohms)
VCE = 300V
IC = 100A
TJ = 150°C
Switching Energy Losses vs Gate Resistance
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration in Seconds
Forward Characteristic of diode
TJ=25°C
TJ=150°C
0
25
50
75
100
125
150
175
200
0
0.4
0.8
1.2
1.6
2
2.4
VF (V)
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APTGT100TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT100TA120TPG MICROSEMI-APTGT100TA120TPG Datasheet
227Kb / 5P
   Triple phase leg Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100TA60P ADPOW-APTGT100TA60P Datasheet
284Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
logo
Microsemi Corporation
APTGT100TA60PG MICROSEMI-APTGT100TA60PG Datasheet
258Kb / 5P
   Triple phase leg Trench Field Stop IGBT Power Module
APTGT100TDU120TPG MICROSEMI-APTGT100TDU120TPG Datasheet
228Kb / 5P
   Triple Dual Common Source Fast Trench Field Stop IGBT Power Module
logo
Advanced Power Technolo...
APTGT100TDU60P ADPOW-APTGT100TDU60P Datasheet
284Kb / 5P
   Triple Dual Common Source Trench Field Stop IGBT Power Module
More results

Similar Description - APTGT100TL60T3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGT30TL60T3G MICROSEMI-APTGT30TL60T3G Datasheet
217Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT150TL60G MICROSEMI-APTGT150TL60G Datasheet
226Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT300TL60G MICROSEMI-APTGT300TL60G Datasheet
225Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL60T3G MICROSEMI-APTGT50TL60T3G Datasheet
217Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT30TL601G MICROSEMI-APTGT30TL601G Datasheet
231Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT75TL60T3G MICROSEMI-APTGT75TL60T3G Datasheet
222Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT20TL601G MICROSEMI-APTGT20TL601G Datasheet
222Kb / 6P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT50TL601G MICROSEMI-APTGT50TL601G Datasheet
232Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT200TL60G MICROSEMI-APTGT200TL60G Datasheet
226Kb / 7P
   Three level inverter Trench Field Stop IGBT Power Module
APTGT20TL60T3G MICROSEMI-APTGT20TL60T3G Datasheet
208Kb / 6P
   Three level inverter Trench Field Stop IGBT Power Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com