Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFR-RFH52LF-C150OHMF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # HFR-RFH52LF-C150OHMF
Description  High Frequency Surface Mount Terminators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-RFH52LF-C150OHMF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  HFR-RFH52LF-C150OHMF Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-RFH52LF-C150OHMF Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-RFH52LF-C150OHMF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RFX Series Issue January 2009 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
Dimensions (mm)
Model
A
B
C
D
E
F
RFH52LF
5.0
2.5
1.2 max
0.8
RFH72LF
7.0
2.0
1.2 max
0.8
RFK52LF
5.0
2.5
1.2 max
2.3
4.8
RFK72LF
7.0
2.0
1.2 max
1.8
6.8
RFH
RFK
Power Derating Curve
25
155
100
50
0
100
Ambient Temperature (°C)
High Frequency
Surface Mount Terminators
Prefix
HFR - RFH72LF - C50 OHM F
Model
RFH52LF; RFH72LF; RFK52LF; RFK72LF
Resistance
C50 OHM; C100 OHM; C150 OHM; C200 OHM
C250 OHM; C300 OHM; C400 OHM; C600 OHM; C800 OHM
Tolerance
F = ±1%
Ordering Data


Similar Part No. - HFR-RFH52LF-C150OHMF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01030 IRCTT-HFR-RFA100LF-01030 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01220 IRCTT-HFR-RFA100LF-01220 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01230 IRCTT-HFR-RFA100LF-01230 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-02020 IRCTT-HFR-RFA100LF-02020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-RFH52LF-C150OHMF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-RFTS05LFC50OHM-F-0F0 IRCTT-HFR-RFTS05LFC50OHM-F-0F0 Datasheet
398Kb / 3P
   High Power, Surface Mount RF Terminators
HFR-PCS3040RLF-50R0 IRCTT-HFR-PCS3040RLF-50R0 Datasheet
237Kb / 2P
   High Power, High Frequency Terminators
logo
Welwyn Components Limit...
PFCHF WELWYN-PFCHF Datasheet
192Kb / 3P
   High Frequency Chip Resistor Terminators
logo
IRC - a TT electronics ...
PFC-W0402HF-01-50R0-K IRCTT-PFC-W0402HF-01-50R0-K Datasheet
453Kb / 4P
   High Frequency Chip Resistor Terminators
HFR-PCS0816SLF-50R0 IRCTT-HFR-PCS0816SLF-50R0 Datasheet
234Kb / 2P
   Fixed Surface Mount Microwave Line Terminators
logo
RHOPOINT COMPONENTS
PCS3040R-50 RHOPOINT-PCS3040R-50 Datasheet
179Kb / 4P
   HIGH POWER TERMINATORS
logo
IRC - a TT electronics ...
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
logo
Vishay Siliconix
IMC1008ERR15J VISHAY-IMC1008ERR15J Datasheet
105Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 10-Aug-06
IMC-1008 VISHAY-IMC-1008_17 Datasheet
104Kb / 3P
   High Frequency, Surface Mount Inductors
Revision: 08-Jan-15
IMC-0805 VISHAY-IMC-0805 Datasheet
63Kb / 1P
   High Frequency, Surface Mount, Molded
Revision 10-Sep-03
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com