Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RL20C1001FS Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # RL20C1001FS
Description  Established Reliability Mil-Qualified Metal Glaze Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

RL20C1001FS Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  RL20C1001FS Datasheet HTML 1Page - IRC - a TT electronics Company. RL20C1001FS Datasheet HTML 2Page - IRC - a TT electronics Company. RL20C1001FS Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
RLR Series
1/8 watt to 1/2 watt
TCR of ±100 ppm/°C
1% and 2% tolerance
4.3 ohms to 3.01M ohms
MIL-R-39017 approved to "S" level
Established Reliability
Mil-Qualified
Metal Glaze™ Resistor
Electrical Data
MIL
Type
Marking
Tolerance
(±%)
T.C.
(ppm/°C)
Power Rating
(watts)
Resistance
Range
(ohms)
Nominal
Size
Max Voltage
Rating
RLR05/S*
Stamp
1, 2
100
1/8 @ 70°C
10 to 301K
1/8W
200
RLR07/S
Stamp
1, 2
100
1/4 @ 70°C
10 to 3.01M
1/4W
250
RLR20/S
Stamp
1, 2
100
1/2 @ 70°C
4.3 to 3.01M
1/2W
350
* Conformally coated construction on all 1/8 nominal sizes.
Test Conditions
MIL-R-22684 Test
Limits Allowed
RL07 Max.
%
∆R (±3σ)
Temperature Coefficient (ppm/°C)
±100
±100
Low Temperature Operation
±0.25%
±0.05%
Thermal Shock
±0.25%
±0.15%
Moisture Resistance
±1.00%
±0.50%
Short Time Overload
±0.50%
±0.15%
Load Life (70°C --- 1/4W) 1000 hours
±4.00%
±0.50%
Terminal Strength
±0.25%
±0.05%
Effect of Soldering
±0.25%
±0.10%
Shock
±0.50%
±0.05%
Vibration
±0.50%
±0.05%
High Temperature Exposure (150°C No Load)
±2.00%
±0.50%
Temperature Rise @ 1/4W Power Load
-
See Temperature Rise Chart
Dielectric Strength
±0.25%
±0.05%
Environmental Data
ESTABLISHED RELIABILITY MIL SPECIFICATIONS: RLR products listed above are qualified to the appropriate established reliability MIL Specification. In general, Metal Glaze units such as
these are specified for all RLR requirements.
Tough molded jacket
Metal Glaze thick film element
fired at 1000°C to solid
ceramic core
Tin-lead electroplated copper leads
Spiraled or laser
helixed to
resistance value,
tolerance
High temperature
soldered termination-lead
assembly
Digital marking per
MIL-R-39017
RLR Series Issue November 2008 Sheet 1 of 3


Similar Part No. - RL20C1001FS

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
RL20 AMPHENOL-RL20 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Yea Shin Technology Co....
RL200 YEASHIN-RL200 Datasheet
51Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Amphenol Corporation
RL2003-13.2K-150-K AMPHENOL-RL2003-13.2K-150-K Datasheet
65Kb / 2P
   Low cost solid state sensor
RL2003-289-95-K AMPHENOL-RL2003-289-95-K Datasheet
65Kb / 2P
   Low cost solid state sensor
RL2003-62.4-73-K AMPHENOL-RL2003-62.4-73-K Datasheet
65Kb / 2P
   Low cost solid state sensor
More results

Similar Description - RL20C1001FS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RLR05C5101GS ETC2-RLR05C5101GS Datasheet
154Kb / 3P
   Established Reliability Mil-Qualified MEtal Glaze Resistor
logo
TT Electronics.
RLR20C2611FS-SLT TTELEC-RLR20C2611FS-SLT Datasheet
254Kb / 3P
   Established Reliability Mil-Qualified Metal Glaze??Resistor
logo
List of Unclassifed Man...
RLR07C1000GS ETC2-RLR07C1000GS Datasheet
211Kb / 3P
   Established Reliability Mil-QualifiedMetal Glaze Resistor
RN60D1000F ETC2-RN60D1000F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN60D1002F ETC2-RN60D1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55D1003F ETC2-RN55D1003F Datasheet
162Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
RN55C1002F ETC2-RN55C1002F Datasheet
207Kb / 2P
   Precision Mil-Qualified Metal Glaze Resistor
logo
IRC - a TT electronics ...
RL07S1001G IRCTT-RL07S1001G Datasheet
152Kb / 3P
   Semi-Precision Mil-Qualified Metal Glaze Resistor
logo
Vishay Siliconix
RNC55H1502FSB14 VISHAY-RNC55H1502FSB14 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-55182 Qualified
Revision: 21-Sep-12
RLR05C475 VISHAY-RLR05C475 Datasheet
152Kb / 4P
   Metal Film Resistors, Military/Established Reliability, MIL-PRF-39017 Qualified, Type RLR
Revision: 11-Nov-13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com