Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4312816A-8S Datasheet(PDF) 5 Page - Taiwan Memory Technology

Part # T4312816A-8S
Description  8M x 16 SDRAM???
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T4312816A-8S Datasheet(HTML) 5 Page - Taiwan Memory Technology

  T4312816A-8S Datasheet HTML 1Page - Taiwan Memory Technology T4312816A-8S Datasheet HTML 2Page - Taiwan Memory Technology T4312816A-8S Datasheet HTML 3Page - Taiwan Memory Technology T4312816A-8S Datasheet HTML 4Page - Taiwan Memory Technology T4312816A-8S Datasheet HTML 5Page - Taiwan Memory Technology T4312816A-8S Datasheet HTML 6Page - Taiwan Memory Technology T4312816A-8S Datasheet HTML 7Page - Taiwan Memory Technology T4312816A-8S Datasheet HTML 8Page - Taiwan Memory Technology T4312816A-8S Datasheet HTML 9Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
TE
CH
tm
Preliminary T4312816A
TM Technology Inc. reserves the right
P. 5
Publication Date: APR. 2003
to change products or specifications without notice.
Revision: 0.B
DC CHARACTERISTICS
TA = 0 to 70
°C , VIH(min)/VIL(max)=2.0V/0.8V
Speed version
Parameter
Symbol
-6
-7
-7.5
-8
-10
Unit
Test Condition
Note
Operating Current
( One Bank Active)
ICC1
140 120 115 110 100 mA
Burst Length = 1
tRCtRC(min) ,tCCtCC(min),IOL= 0 mA
1,3
ICC2P
2
CKE
VIL(max),tCC=15ns
Precharge Standby
Current in power-
down mode
ICC2PS
2
mA
CKE
VIL(max),CLK VIL(max), tCC =
3
ICC2N
20
CKE
VIH(min), CS VIH(min),tCC=15ns
Input signals are changed one time during 30ns
Precharge Standby
Current in non
power-down mode
ICC2NS
8
mA
CKE
VIH(min),CLK
VIL(min),tCC=
Input signals are stable
3
ICC3P
5
CKE
VIL(max),tCC=15ns
Active Standby
Current in power-
down mode
ICC3PS
4
mA
CKE
VIL(max),CLK VIL(max),tCC=
3
ICC3N
30
CKE
VIH(min), CS VIH(min),tCC=15ns
Input signals are changed one time during 30ns
Active Standby
Current in non
power-down mode
(One Bank Active) ICC3NS
20
mA
CKE
VIH(min),CLK
VIL(min),tCC=
Input signals are stable
3
150 130 125 120 110
CAS Latency 3
Operating Current
(Burst Mode)
ICC4
150 130 125 120 110
mA
CAS Latency 2
IOL=0 mA,Page Burst
All Band Activated
tCCD= tCCD(min)
1,3
Refresh Current
ICC5
150 130 125 120 110 mA tRC tRC(min)
2,3
Self refresh
Current
ICC6
2
mA
CKE
0.2V
Note:
1. Measured with output open. Addresses are changed only one time during
tCC(min) .
2. Refresh period is 64ms. Addresses are changed only one time during
tCC(min) .
3.
tCC : Clock cycle time.
tRC : Row cycle time.
tCCD : Column address to column address delay time.


Similar Part No. - T4312816A-8S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-6S TMT-T4312816B-6S Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-6SG TMT-T4312816B-6SG Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-7S TMT-T4312816B-7S Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-7SG TMT-T4312816B-7SG Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
More results

Similar Description - T4312816A-8S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM828164PA EMLSI-EM828164PA Datasheet
621Kb / 48P
   128M: 8M x 16 Mobile SDRAM
logo
Etron Technology, Inc.
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Emerging Memory & Logic...
EMD28164PA EMLSI-EMD28164PA Datasheet
767Kb / 45P
   128M: 8M x 16 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Elite Semiconductor Mem...
M54D1G1664A ESMT-M54D1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks LPDDR2 SDRAM
M15F1G1664A ESMT-M15F1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Winbond
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com