Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-3000 Datasheet(PDF) 9 Page - BOSER Technology Co., Ltd

Part # HS-3000
Description  386 ISA Bus SBC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-3000 Datasheet(HTML) 9 Page - BOSER Technology Co., Ltd

Back Button HS-3000 Datasheet HTML 5Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 6Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 9Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 10Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 11Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 12Page - BOSER Technology Co., Ltd HS-3000 Datasheet HTML 13Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
3
1.2 Specifications
CPU: 386SX-40 embedded in ALi M6117C chipset
Bus Interface: ISA Bus
Memory: One SIMM socket with a max. capacity of 16MB and 4MB RAM
onboard
Chipset: ALi M6117C
I/O Chipset: SMC 37C669 x 2
VGA: C&T 65545 with 1MB memory supporting CRT/Panel displays up
to 1024 x 768 at 16 colors
IDE: Two IDE disk drives supporting LBA mode and with a transfer rate
of 11MB/sec.
FDD: Supports up to two floppy disk drives
Parallel: One enhanced bi-directional parallel port supporting SPP/ECP/
EPP
Serial Port: 16C550 UART-compatible RS-232/422/485 x 1 and RS-232
x 3 serial ports with 16-byte FIFO
PC/104: PC/104 connector for 16-bit ISA Bus
Keyboard: PS/2 6-pin Mini DIN or 5-pin connector
Mouse: PS/2 6-pin Mini DIN
DiskOnChip
TM: DiskOnChipTM socket supporting memory sizes of up to
288MB
BIOS: AMI PnP Flash BIOS
Watchdog Timer: Sets 1/2/10/20/110/220 seconds activity trigger with
Reset or NMI
CMOS: DS12C887 or equivalent device
Power: Single +5V/1.8A power in
Power Connector: One 4-pin +5V/+12V power connector
Temperature: 0~60°C (operating)
Dimensions: 18.6 x 12.2 cm


Similar Part No. - HS-3000

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HS-302AEH RENESAS-HS-302AEH Datasheet
651Kb / 16P
   Radiation Hardened BiCMOS Dual DPST Analog Switch
Jul 7, 2021
logo
Intersil Corporation
HS-302EH INTERSIL-HS-302EH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
HS-302RH INTERSIL-HS-302RH Datasheet
104Kb / 16P
   Radiation Hardened CMOS Analog Switches
HS-302RH INTERSIL-HS-302RH Datasheet
148Kb / 3P
   Radiation Hardened CMOS Dual DPST Analog Switch
logo
Renesas Technology Corp
HS-302RH RENESAS-HS-302RH Datasheet
297Kb / 5P
   Radiation Hardened CMOS Dual DPST Analog Switch
July 31, 2013
More results

Similar Description - HS-3000

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-7280 BOSER-HS-7280 Datasheet
94Kb / 1P
   Intel Atom N270 processor PCI-ISA Bus SBC w/CF,
HS-6654 BOSER-HS-6654 Datasheet
88Kb / 1P
   VIA V4 Eden or C7 processor ISA Bus SBC w/CF
logo
Hirose Electric
MCR60A-98D-2.54DS HIROSE-MCR60A-98D-2.54DS Datasheet
216Kb / 5P
   ISA Bus (AT bus)
logo
Texas Instruments
TMS34094 TI1-TMS34094 Datasheet
322Kb / 38P
[Old version datasheet]   ISA BUS INTERFACE
logo
Intel Corporation
82344 INTEL-82344 Datasheet
911Kb / 13P
   ISA BUS CONTROLLER
logo
BOSER Technology Co., L...
HS-7270 BOSER-HS-7270 Datasheet
332Kb / 1P
   Intel Core 2 Duo/Celeron processor PCI-ISA Bus SBC w/CF
HS-6254 BOSER-HS-6254 Datasheet
94Kb / 1P
   VIA V4 Eden or C7 processor PCI-ISA Bus SBC w/CF
logo
Texas Instruments
TMP34094 TI1-TMP34094 Datasheet
322Kb / 38P
[Old version datasheet]   ISA BUS INTERFACE
logo
BOSER Technology Co., L...
HS-7260 BOSER-HS-7260 Datasheet
95Kb / 1P
   Intel Core 2 Duo/Celeron짰 M processor PCI-ISA Bus SBC w/CF
BPC-6169 BOSER-BPC-6169_1 Datasheet
740Kb / 26P
   15??TFT Industrial Panel PC with PCI-ISA Bus SBC & three PCI Slots
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com