Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-6238 Datasheet(PDF) 1 Page - BOSER Technology Co., Ltd

Part # HS-6238
Description  Celeron??Coppermine??Tualatin??Industrial Single Board Computer
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSER [BOSER Technology Co., Ltd]
Direct Link  http://www.boser.com.tw
Logo BOSER - BOSER Technology Co., Ltd

HS-6238 Datasheet(HTML) 1 Page - BOSER Technology Co., Ltd

  HS-6238_1 Datasheet HTML 1Page - BOSER Technology Co., Ltd HS-6238_1 Datasheet HTML 2Page - BOSER Technology Co., Ltd HS-6238_1 Datasheet HTML 3Page - BOSER Technology Co., Ltd HS-6238_1 Datasheet HTML 4Page - BOSER Technology Co., Ltd HS-6238_1 Datasheet HTML 5Page - BOSER Technology Co., Ltd HS-6238_1 Datasheet HTML 6Page - BOSER Technology Co., Ltd HS-6238_1 Datasheet HTML 7Page - BOSER Technology Co., Ltd HS-6238_1 Datasheet HTML 8Page - BOSER Technology Co., Ltd HS-6238_1 Datasheet HTML 9Page - BOSER Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 95 page
background image
HS-6238
Celeron™/Coppermine™/Tualatin™
Industrial Single Board Computer
Half Size•All-in-One•CRT/Panel•133MHz FSB•
CompactFlash•ATA/33/66/100•Dual LAN•
Audio•4COM•PC/104•IrDA•USB•WDT•
PCI-ISA Bus Industrial Single Board Computer•


Similar Part No. - HS-6238_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-6238LLV BOSER-HS-6238LLV Datasheet
89Kb / 1P
   Socket 370 processor PCI-ISA Bus SBC with CF, CRT/Digital Panel, Dual LAN, Audio
HS-6238LV BOSER-HS-6238LV Datasheet
89Kb / 1P
   Socket 370 processor PCI-ISA Bus SBC with CF, CRT/Digital Panel, Dual LAN, Audio
More results

Similar Description - HS-6238_1

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
HS-6038 BOSER-HS-6038 Datasheet
3Mb / 86P
   Socket 370 133MHz FSB Industrial Single Board Computer
HS-7002 BOSER-HS-7002 Datasheet
2Mb / 78P
   800MHz FSB Pentium짰 4 Industrial Single Board Computer
HS-7001 BOSER-HS-7001 Datasheet
4Mb / 92P
   PGA 478 Pentium짰 4 Industrial Single Board Computer
HS-6251 BOSER-HS-6251 Datasheet
2Mb / 88P
   Socket 370 133MHz FSB Industrial Single Board Computer
logo
Motorola, Inc
MVME147 MOTOROLA-MVME147 Datasheet
178Kb / 4P
   Single-board computer
logo
BOSER Technology Co., L...
HS-7238S BOSER-HS-7238S_1 Datasheet
3Mb / 88P
   Pentium짰 4 PCI-ISA Bus Industrial Single Board Computer
HS-6253 BOSER-HS-6253_1 Datasheet
1Mb / 80P
   VIA C3 800MHz Embedded CPU Industrial Single Board Computer
HS-6252 BOSER-HS-6252_1 Datasheet
1Mb / 90P
   VIA C3 800MHz Embedded CPU Industrial Single Board Computer
logo
List of Unclassifed Man...
VL-EPIC-25SA ETC2-VL-EPIC-25SA Datasheet
643Kb / 2P
   EPIC Single Board Computer
VL-EBX-11G ETC2-VL-EBX-11G Datasheet
426Kb / 2P
   EBX Single Board Computer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com