Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T4312816A-10S Datasheet(PDF) 8 Page - Taiwan Memory Technology

Part # T4312816A-10S
Description  8M x 16 SDRAM???
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology

T4312816A-10S Datasheet(HTML) 8 Page - Taiwan Memory Technology

Back Button T4312816A-10S Datasheet HTML 4Page - Taiwan Memory Technology T4312816A-10S Datasheet HTML 5Page - Taiwan Memory Technology T4312816A-10S Datasheet HTML 6Page - Taiwan Memory Technology T4312816A-10S Datasheet HTML 7Page - Taiwan Memory Technology T4312816A-10S Datasheet HTML 8Page - Taiwan Memory Technology T4312816A-10S Datasheet HTML 9Page - Taiwan Memory Technology T4312816A-10S Datasheet HTML 10Page - Taiwan Memory Technology T4312816A-10S Datasheet HTML 11Page - Taiwan Memory Technology T4312816A-10S Datasheet HTML 12Page - Taiwan Memory Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
TE
CH
tm
Preliminary T4312816A
TM Technology Inc. reserves the right
P.8
Publication Date: APR. 2003
to change products or specifications without notice.
Revision: 0.B
AC CHARACTERISTICS
(AC opterating conditions unless otherwise noted)
-6
-7
-7.5
-8
-10
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Min
Max
Unit Note
CAS Latency = 3
6
1K
7
1K
7.5
1K
8
1K
10
1K
CLK cycle time
CAS Latency = 2
tCC
8
9
9
10
10
ns
1
CAS Latency = 3
-
5.5
-
6
6
-
6
-
7
ns
CLK to valid
Output delay
CAS Latency = 2
tSAC
-
6
-
6
6
-
7
-
9
ns
1
Output data hold time
tOH
2
2.5
2.5
2.5
2.5
ns
2
CLK high pulse width
tCH
2
2.5
2.5
3
3
ns
3
CLK low pulse width
tCL
2
2.5
2.5
3
3
ns
3
Input setup time
tSS
1.5
1.75
1.75
2
2.5
ns
3
Input hold time
tSH
1
1
1
1
1
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
1
1
ns
2
CAS Latency = 3
-
5.5
-
6
6
-
6
-
7
ns
CLK to output in
Hi-Z
CAS Latency = 2
tSHZ
-
6
-
6
6
-
7
-
9
ns
Note: 1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns,(tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf)=1ns.
If tr & tf is longer than 1ns,transient time compensation should be considered,
i.e.,[(tr+tf)/2-1]ns should be added to the parameter.


Similar Part No. - T4312816A-10S

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
T4312816B TMT-T4312816B Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-6S TMT-T4312816B-6S Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-6SG TMT-T4312816B-6SG Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-7S TMT-T4312816B-7S Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
T4312816B-7SG TMT-T4312816B-7SG Datasheet
665Kb / 70P
   8M x 16 SDRAM 2M x 16bit x 4Banks Synchronous DRAM
More results

Similar Description - T4312816A-10S

ManufacturerPart #DatasheetDescription
logo
Emerging Memory & Logic...
EM828164PA EMLSI-EM828164PA Datasheet
621Kb / 48P
   128M: 8M x 16 Mobile SDRAM
logo
Etron Technology, Inc.
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Emerging Memory & Logic...
EMD28164PA EMLSI-EMD28164PA Datasheet
767Kb / 45P
   128M: 8M x 16 Mobile DDR SDRAM
logo
Etron Technology, Inc.
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Elite Semiconductor Mem...
M54D1G1664A ESMT-M54D1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks LPDDR2 SDRAM
M15F1G1664A ESMT-M15F1G1664A Datasheet
4Mb / 131P
   8M x 16 Bit x 8 Banks DDR3 SDRAM
logo
Winbond
W9751G6JB-25 WINBOND-W9751G6JB-25 Datasheet
1Mb / 87P
   8M x 4 BANKS x 16 BIT DDR2 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com