Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KV1350NT Datasheet(PDF) 2 Page - TOKO, Inc

Part # KV1350NT
Description  VARIABLE CAPACITANCE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

KV1350NT Datasheet(HTML) 2 Page - TOKO, Inc

  KV1350NT Datasheet HTML 1Page - TOKO, Inc KV1350NT Datasheet HTML 2Page - TOKO, Inc KV1350NT Datasheet HTML 3Page - TOKO, Inc KV1350NT Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2
July 1999 TOKO, Inc.
KV1350NT
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
V
REV
Reverse Voltage
I
REV = 10 µA16
V
I
REV
Reverse Current
VREV = 10.0 V
100
nA
C1
Diode Capacitance 1
VREV = 1.0 V, f = 1 MHz
59.15
62.50
65.90
pF
C6
Diode Capacitance 6
VREV = 6.0 V, f = 1 MHz
17.67
23.54
pF
C9
Diode Capacitance 9
VREV = 9.0 V, f = 1 MHz
10.77
13.26
pF
Q
Quality Factor
VREV = 3.0 V, f = 100 MHz
60
A
Capacitance Ratio
C1 / C
9
4.6
ELECTRICAL CHARACTERISTICS
Test conditions: T
A = 25 °C
Note 1: Diode Capacitance measured with HP 4279A or equivalent instruments (at OSC level 20 mVrms,
± 5 mVrms).
Note 2: Series Resistance measured with HP 4191A or equivalent instruments.
ABSOLUTE MAXIMUM RATINGS
Storage Temperature Range ................... -55 to +150
°C
Operating Temperature Range ................... -55 to +85
°C
Reverse Voltage ........................................................ 18V
Forward Current .................................................... 50 mA
Power Dissipation .............................................. 100 mW


Similar Part No. - KV1350NT

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
KV1300 TOKO-KV1300 Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1300NT TOKO-KV1300NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1310NT TOKO-KV1310NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1330NT TOKO-KV1330NT Datasheet
46Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results

Similar Description - KV1350NT

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T399 SONY-1T399 Datasheet
46Kb / 4P
   Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
   VARIABLE CAPACITANCE DIODE
logo
TOKO, Inc
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1812K TOKO-KV1812K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832C TOKO-KV1832C Datasheet
26Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832K TOKO-KV1832K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com