Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC1502203DLF13 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # SMC1502203DLF13
Description  Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SMC1502203DLF13 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  SMC1502203DLF13 Datasheet HTML 1Page - IRC - a TT electronics Company. SMC1502203DLF13 Datasheet HTML 2Page - IRC - a TT electronics Company. SMC1502203DLF13 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
SMC Series
Lead free, RoHS compliant
Uses standard IRC 2512, 3610 solder pads
Ideal for automotive and other harsh thermal applications
Uncompromising Metal Glaze™ performance gives excellent
surge performance
Capped terminals provide mechanical compliance-relief from
board vs. component TCE mismatch
Cylindrical Surface Mount
Metal Glaze™ Compliant
Terminal Resistors
Electrical Data
IRC
Type
Industry
Standard
Footprint
Power
Rating @ 70°C
(Watts)
Resistance
Range
(Ohms)
Tolerance
(±%)1
TCR
(±ppm/°C)
Operating
Voltage
(V)
Maximum
Voltage
(V)
SMC-1
2512
1.0
0.5 to 1M
1, 2, 5
100
350
650
SMC-2
3610
2.0
0.5 to 2M
1, 2, 5
100
500
1000
Notes:
1 For tolerances below ±1%, please contact factory.
Characteristics
Maximum Change
Test Method
Temperature Coefficient (ppm/°C)
As specified
MIL-PRF-55342E Par 4.7.9
(-55°C to +125°C)
Thermal Shock
±0.5% +0.01
Ω
MIL-PRF-55342E Par 4.7.3
(-65°C to +150°C)
Low Temperature Operation
±0.25% +0.01
Ω
MIL-PRF-55342E Par 4.7.4
(-65°C @ working voltage)
Short Time Overload
±0.5% +0.01
Ω
±1% for (R>100K
Ω)
MIL-PRF-55342E Par 4.7.5
(2.5 x
PxR for 5 seconds)
High Temperature Exposure
±0.5% +0.01
Ω
MIL-PRF-55342E Par 4.7.6
(+150°C for 100 hours)
Resistance to Bonding
±0.25% +0.01
Ω
MIL-PRF-55342E Par 4.7.7
(Reflow soldered to board @ 260°C for 10 seconds)
Solderability
95% minimum coverage
MIL-STD-202, Method 208
(245°C for 5 seconds)
Moisture Resistance
±0.5% +0.01
Ω
MIL-PRF-55342E Par 4.7.8
(10 cycles, total 240 hours)
Life Test
±0.5% +0.01
Ω
MIL-PRF-55342E Par 4.7.10
(2000 hours @ 70°C intermittent)
Terminal Adhesion Strength
±1% +0.01
no mechanical damage
1200 gram push from underside of
mounted chip for 60 seconds
Resistance to Board Bending
±1% +0.01
no mechanical damage
Chip mounted in center of 90mm long board,
deflected 5mm so as to exert pull on chip contacts
for 10 seconds
Operating Temperature
-55°C to +150°C
Environmental Data
SMC Series Issue April 2009 Sheet 1 of 3


Similar Part No. - SMC1502203DLF13

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC150 SUNMATE-SMC150 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Tripp Lite. All Rights ...
SMC15002URM TRIPPLITE-SMC15002URM Datasheet
186Kb / 6P
   SmartPro 120V 1.5kVA 1kW Line-Interactive Sine Wave UPS, 2U Rack/Tower, LCD, USB, DB9, 8 Outlets
SMC1500T TRIPPLITE-SMC1500T Datasheet
524Kb / 4P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, USB, RS232
logo
Shenzhen Bencent Electr...
SMC1500W BENCENT-SMC1500W Datasheet
185Kb / 5P
   Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMC150A SUNMATE-SMC150A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMC1502203DLF13

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
   Metal Glaze??Cylindrical Official Size Power Resistor
logo
Token Electronics Indus...
RI80-1 TOKEN-RI80-1 Datasheet
473Kb / 4P
   RI80 Metal Glaze Impulse Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207 Datasheet
122Kb / 4P
   Metal Film, Cylindrical Resistors
Revision 05-Mar-02
logo
Central Technologies
CTMFCR CT-CTMFCR Datasheet
469Kb / 3P
   Metal Film, Cylindrical Resistors
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
logo
IRC - a TT electronics ...
PPC11001BLFBLK IRCTT-PPC11001BLFBLK Datasheet
201Kb / 3P
   Metal Glaze Surface Mount Precision Power Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com