Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SON-NS7B-02-1002 Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # SON-NS7B-02-1002
Description  TaNFilm Flat Precision Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SON-NS7B-02-1002 Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  SON-NS7B-02-1002 Datasheet HTML 1Page - IRC - a TT electronics Company. SON-NS7B-02-1002 Datasheet HTML 2Page - IRC - a TT electronics Company. SON-NS7B-02-1002 Datasheet HTML 3Page - IRC - a TT electronics Company. SON-NS7B-02-1002 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
TaNFilm® Flat Precision
Resistor Array
Compatible with standard SOIC footprint (210 Series)
Standard Sn/Pb and Pb-free terminations
Superior temperature performance
Absolute tolerances to ±0.1%
Ratio tolerances to ±0.01%
SON Series
SON Series Issue January 2009 Sheet 1 of 4
Electrical Data
IRC’s TaNFilm® Small Outline Leadless Resistor Networks are
ideally suited for applications requiring precision, long term reliability
Manufacturing Capabilities
Resistance
Range
Available
Absolute Tolerances
Available
Ratio Tolerances
(Ratio to R1)
Best
Absolute TCR
Tracking TCR
(Track to R1)
Schematic A
10Ω - 24.9Ω
C D F G J
C D F G
±100 ppm/°C
±20 ppm/°C
25.0Ω - 49.9Ω
C D F G J
B C D F G
±50 ppm/°C
±10 ppm/°C
50Ω - 199Ω
B C D F G J
B C D F G
±25 ppm/°C
±5 ppm/°C
200Ω - 999Ω
B C D F G J
A B C D F G
±25 ppm/°C
±5 ppm/°C
1.0K - 25.0K
B D F G J
T Q A B D F G
±25 ppm/°C
±5 ppm/°C
25.1K - 100K
B D F G J
A B D F G
±25 ppm/°C
±5 ppm/°C
Schematic B
10Ω - 24.9Ω
C D F G J
D F G
±100 ppm/°C
±25ppm/°C
25Ω - 49.9Ω
C D F G J
C D F G
±50 ppm/°C
±15ppm/°C
50Ω - 199Ω
B C D F G J
B C D F G
±25 ppm/°C
±10ppm/°C
200Ω - 50KΩ
B C D F G J
A B C D F G
±25 ppm/°C
±5ppm/°C
and stability in a small area. Its monolithic construction eliminates vulnerable terminations such as solder
connections. The SON package is ideal for the all surface mount production reflow techniques while still
possessing all the unique qualities of our TaNFilm® thin film system. Testing has demonstrated
performance exceeding MIL-PRF-83401 Characteristic H.
Package
Power Rating at 70°C
Temperature
Range
Maximum Voltage
Noise
Substrate
Termination
Element
Network
8-Pad
100mW
400mW
-55°C to +150°C
PxR
(not to exceed 50V )
< -25dB
99.5%
Alumina
Solder Plated Over
Nickel Barrier
14-Pad
100mW
700mW
16-Pad
100mW
800mW


Similar Part No. - SON-NS7B-02-1002

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
Amkor Technology
SON AMKOR-SON Datasheet
754Kb / 3P
   Saw MLF PEL (Plated End Lead) Package
logo
TT Electronics.
SON TTELEC-SON Datasheet
572Kb / 4P
   Superior temperature performance
logo
ELM Technology Corporat...
SON8-3X3 ELM-TECH-SON8-3X3 Datasheet
183Kb / 1P
   Package, Reel, Taping
logo
AVAGO TECHNOLOGIES LIMI...
SONETOC-3 AVAGO-SONETOC-3 Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
More results

Similar Description - SON-NS7B-02-1002

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
KOA Speer Electronics, ...
CN1H2N KOA-CN1H2N Datasheet
133Kb / 4P
   Flat Chip Resistor Array
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612 Datasheet
366Kb / 5P
   Flat Chip Resistor Array
Revision: 28-Nov-05
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
logo
IRC - a TT electronics ...
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
   TaNFilm Small Outline Surface Mount Resistor Network
logo
Vishay Siliconix
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com