Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC1502203GLF13 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # SMC1502203GLF13
Description  Cylindrical Surface Mount Metal Glaze Compliant Terminal Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SMC1502203GLF13 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  SMC1502203GLF13 Datasheet HTML 1Page - IRC - a TT electronics Company. SMC1502203GLF13 Datasheet HTML 2Page - IRC - a TT electronics Company. SMC1502203GLF13 Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Dimensions (Inches and (mm))
Industry
Footprint
IRC Type
L
(Length)
W
(Width/Diameter)
C
(Termination Width)
2512
SMC-1
0.250 ±0.010
(6.35 ±0.25)
0.122 ±0.003
(3.10 ±0.08)
0.060 ±0.010
(1.50 ±0.25)
3610
SMC-2
0.367 ±0.010
(9.32 ±0.25)
0.122 ±0.003
(3.10 ±0.08)
0.060 ±0.010
(1.50 ±0.25)
Physical Data
Cylindrical Surface Mount
Metal Glaze™ Compliant
Terminal Resistors
L
C
W
Recommended Solder Pad Dimensions (Reflow):
Industry
Footprint
Dimensions (Inches and mm))
ABCD
E
F
2512
0.121
(3.07)
0.126
(3.20)
0.127
(3.23)
0.183
(4.65)
0.040
(1.02)
0.369
(9.37)
3610
0.170
(4.32)
0.160
(4.06)
0.213
(5.41)
0.273
(6.93)
0.044
(1.12)
0.553
(14.05)
F
E
B
D
A
C
A
SMC Series Issue April 2009 Sheet 2 of 3


Similar Part No. - SMC1502203GLF13

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC150 SUNMATE-SMC150 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
logo
Tripp Lite. All Rights ...
SMC15002URM TRIPPLITE-SMC15002URM Datasheet
186Kb / 6P
   SmartPro 120V 1.5kVA 1kW Line-Interactive Sine Wave UPS, 2U Rack/Tower, LCD, USB, DB9, 8 Outlets
SMC1500T TRIPPLITE-SMC1500T Datasheet
524Kb / 4P
   SmartPro 100-110-120V 1.5kVA 900W Line-Interactive Sine Wave UPS, Tower, USB, RS232
logo
Shenzhen Bencent Electr...
SMC1500W BENCENT-SMC1500W Datasheet
185Kb / 5P
   Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMC150A SUNMATE-SMC150A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMC1502203GLF13

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CHP IRCTT-CHP Datasheet
151Kb / 3P
   Metal Glaze??Cylindrical Surface Mount Power Resistors
logo
Welwyn Components Limit...
CHP WELWYN-CHP Datasheet
74Kb / 2P
   Metal Glaze??General Purpose Surface Mount Power Resistors
logo
IRC - a TT electronics ...
CHP1X IRCTT-CHP1X Datasheet
231Kb / 2P
   Metal Glaze??Cylindrical Official Size Power Resistor
logo
Token Electronics Indus...
RI80-1 TOKEN-RI80-1 Datasheet
473Kb / 4P
   RI80 Metal Glaze Impulse Resistors
logo
Vishay Siliconix
SMM0207 VISHAY-SMM0207 Datasheet
122Kb / 4P
   Metal Film, Cylindrical Resistors
Revision 05-Mar-02
logo
Central Technologies
CTMFCR CT-CTMFCR Datasheet
469Kb / 3P
   Metal Film, Cylindrical Resistors
logo
Vishay Siliconix
PMM0204 VISHAY-PMM0204_15 Datasheet
340Kb / 5P
   Metal Film, Cylindrical Resistors
Revision: 15-Feb-06
logo
Riedon Powertron
MGM55 RIEDON-MGM55 Datasheet
231Kb / 2P
   High Voltage Metal Glaze Film Resistors
logo
Vishay Siliconix
SMM0204 VISHAY-SMM0204 Datasheet
134Kb / 6P
   Metal Film, Cylindrical Resistors
Revision 21-Oct-02
logo
IRC - a TT electronics ...
PPC11001BLFBLK IRCTT-PPC11001BLFBLK Datasheet
201Kb / 3P
   Metal Glaze Surface Mount Precision Power Chip
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com