Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SON-NS8BLF-02-1002 Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # SON-NS8BLF-02-1002
Description  TaNFilm Flat Precision Resistor Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

SON-NS8BLF-02-1002 Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  SON-NS8BLF-02-1002 Datasheet HTML 1Page - IRC - a TT electronics Company. SON-NS8BLF-02-1002 Datasheet HTML 2Page - IRC - a TT electronics Company. SON-NS8BLF-02-1002 Datasheet HTML 3Page - IRC - a TT electronics Company. SON-NS8BLF-02-1002 Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Ordering Data
Prefix
SON - N989
-
01
-
1002
-
F
B
Model
NS4A: 8-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS4ALF: 8-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS4B: 8-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS4BLF: 8-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
NS7A: 14-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS7ALF: 14-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS7B: 14-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS7BLF: 14-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
NS8A: 16-pad, 0.150" wide, schematic A, with 60/40 Sn/Pb terminations
NS8ALF: 16-pad, 0.150" wide, schematic A, with 100% matte tin, Pb-free terminations
NS8B: 16-pad, 0.150" wide, schematic B, with 60/40 Sn/Pb terminations
NS8BLF: 16-pad, 0.150" wide, schematic B, with 100% matte tin, Pb-free terminations
N959: 8-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N959LF: 8-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N954: 8-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N954LF: 8-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
N989: 14-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N989LF: 14-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N987: 14-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N987LF: 14-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
N999: 16-pad, 0.210" wide, schematic A, with 60/40 Sn/Pb terminations
N999LF: 16-pad, 0.210" wide, schematic A, with 100% matte tin, Pb-free terminations
N998: 16-pad, 0.210" wide, schematic B, with 60/40 Sn/Pb terminations
N998LF: 16-pad, 0.210" wide, schematic B, with 100% matte tin, Pb-free terminations
TCR Code
01 = ±100ppm/°C Commercial Grade
02 = ±50ppm/°C Commercial Grade
03 = ±25ppm/°C Commercial Grade
04 = ±300ppm/°C Military Screened Characteristic M*
05 = ±100ppm/°C Military Screened Characteristic K*
06 = ±50ppm/°C Military Screened Characteristic H*
07 = ±25ppm/°C Military Screened Characteristic H*
Resistance Code
4-Digit resistance code
Ex: 1002 = 10KΩ; 49R9 = 49.9Ω
Absolute Tolerance Code
J = ±5%; G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
Optional R1 Ratio Tolerance Code
F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%; Q = ±0.02%; T = ±0.01%
*Special Notes:
SON NSxx series screened per Group A MIL-PRF-55342
SON N9xx series screened per Group A MIL-PRF-83401
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
TaNFilm® Flat Precision
Resistor Array
SON Series Issue January 2009 Sheet 4 of 4


Similar Part No. - SON-NS8BLF-02-1002

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
Amkor Technology
SON AMKOR-SON Datasheet
754Kb / 3P
   Saw MLF PEL (Plated End Lead) Package
logo
TT Electronics.
SON TTELEC-SON Datasheet
572Kb / 4P
   Superior temperature performance
logo
ELM Technology Corporat...
SON8-3X3 ELM-TECH-SON8-3X3 Datasheet
183Kb / 1P
   Package, Reel, Taping
logo
AVAGO TECHNOLOGIES LIMI...
SONETOC-3 AVAGO-SONETOC-3 Datasheet
283Kb / 15P
   Multimode Small Form Factor Pluggable Transceivers with LC connector for ATM, FDDI, Fast Ethernet and
More results

Similar Description - SON-NS8BLF-02-1002

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SON WELWYN-SON Datasheet
351Kb / 3P
   TaNFilm짰 Flat Precision Resistor Array
logo
IRC - a TT electronics ...
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
KOA Speer Electronics, ...
CN1H2N KOA-CN1H2N Datasheet
133Kb / 4P
   Flat Chip Resistor Array
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612 Datasheet
366Kb / 5P
   Flat Chip Resistor Array
Revision: 28-Nov-05
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Stackpole Electronics, ...
RAF SEI-RAF Datasheet
407Kb / 4P
   Flat Termination Chip Resistor Array
09/30/2020
logo
Vishay Siliconix
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
   Precision Thin Film Chip Resistor Array
01-Jan-2022
logo
IRC - a TT electronics ...
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
   TaNFilm Small Outline Surface Mount Resistor Network
logo
Vishay Siliconix
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
   Precision Thin Film Chip Resistor Array
Revision: 12-Apr-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com