Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBC-C0202AA-102-M Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # WBC-C0202AA-102-M
Description  Wire Bondable Chip Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-C0202AA-102-M Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  WBC-C0202AA-102-M Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-C0202AA-102-M Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Chip Capacitor
WBC Capacitor Series Issue January 2009 Sheet 2 of 2
Capacitance Range
10pF to 1000pF
Dissipation Factor 1Khz, +25°C, 1V
RMS
0.5% min
Absolute Tolerance
to ±5%
Operating Temperature
-55°C to +125°C
Noise
<-30dB
Substrate Material
Semiconductor Silicon (10KÅ SiO
2 minimum)
Substrate Thickness
0.010˝ ±0.001
(0.254mm ±0.025)
Bond Pad Metallization
Aluminum: 10KÅ minimum
Backside
Aluminum: 10KÅ minimum
Gold: 3KÅ minimum
Dielectric
Silicon Dioxide and/or Silicon Nitride
Passivation
Silicon Dioxide or Silicon Nitride
Electrical Data
Environmental Data
Test
Method
Max ∆C
Thermal Shock
MIL-STD-202
Method 107
Test condition F
±0.25% + 0.25pF max
Moisture
Resistance
MIL-STD-202
Method 106
±1.0% + 0.25pF max
Short
Time Overload
+25°C, 5 seconds
1.5 X rated voltage
±0.25% + 0.25pF mx
Life at Elevated
Temperature
MIL-STD-202
Method 108
125°C, 1000 hours
±0.25% + 0.25pF max
High Temperature
Exposure
100 hours @ 150°C
ambient
±0.25% + 0.25pF max
Prefix
WBC - C0606
A
G - 102 - K
Style
C0202; C0303; C0404; C0505; C0606
Bonding pads
A = Aluminum
Backside
A = Aluminum; G = Gold
Capacitance
3-Digit Capacitance Code
Ex: 102 = 1000pF; 221 = 220pF; 470 = 47pF
Absolute Tolerance Code
M = ±20%; K = ±10%; J = ±5%
Packaging
Standard packaging is 2˝ x 2˝ chip tray. For additional information
or to discuss your specific requirements, please contact our
Applications Team using the contact details below.
Ordering Data


Similar Part No. - WBC-C0202AA-102-M

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBC-C0202AA-102J TTELEC-WBC-C0202AA-102J Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
WBC-C0202AA-102K TTELEC-WBC-C0202AA-102K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
WBC-C0202AA-102M TTELEC-WBC-C0202AA-102M Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
More results

Similar Description - WBC-C0202AA-102-M

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
IRC - a TT electronics ...
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
logo
IRC - a TT electronics ...
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
   Wire Bondable High Range Chip Resistors
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
   Wire Bondable Multi-tap Chip Resistors
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
Murata Manufacturing Co...
935142521410-F1T MURATA1-935142521410-F1T Datasheet
857Kb / 10P
   Wire Bondable Vertical Silicon Capacitor WBSC / WLSC 0202 1nF BV150
Rev.2.08
939132425510-W0A MURATA1-939132425510-W0A Datasheet
657Kb / 9P
   Broadband wire bondable / Embedding Silicon Capacitor BBEC 0201M 10nF BV11
Rev. 2.00
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com