Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUS-QS20T-330-K-470-M Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # GUS-QS20T-330-K-470-M
Description  TaNCap T-Filter Network
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUS-QS20T-330-K-470-M Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  GUS-QS20T-330-K-470-M Datasheet HTML 1Page - IRC - a TT electronics Company. GUS-QS20T-330-K-470-M Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNCap® T-Filter
Network
IRC’s TaNCap® T-filter networks are designed for the most demanding low pass filter applications. These TaNSil®
technology thin film networks offer attenuation of high frequency signal components with minimal inductive effects.
EMI/RFI reduction, improved signal quality and reduction of false triggers in digital circuits while minimizing
insertion loss are characteristics of these silicon based filter networks.
The SOIC, QSOP, and TSSOP packages offer a high level of integration in today’s most popular surface mount
configurations. Up to 24 discrete components are replaced by one T-filter network.
The TaNCap® series of resistor-capacitor networks are manufactured using IRC’s military and space proven
tantalum nitride thin film technology. For high reliability combined with superior performance, use IRC TaNCap®
T-Filter Networks for your most demanding, high speed analog and digital designs.
Improves signal quality
High frequency design available
RoHS compliant and Sn/Pb terminations available
Reduces unwanted signals while improving signal quality
Proven TaNCap® technology available in QSOP, SOIC,
and TSSOP packages
T-Filter Series
Range
Tolerance
(%)
Breakdown
Voltage
(volts)
TCR
(ppm/°C)
Max. Power
Dissipation
(watts)
Operating Temp.
Range
(°C)
Resistors
10
Ω to 100Ω
±10
N/A
±100
0.1 per resistor
-55 to +125
Capacitors
10pF to 33pF
±20
200 to 100
N/A
N/A
34pF to 200pF
±10
100 to 25
Electrical Data
T-Filter Series Issue January 2009 Sheet 1 of 2
Schematic Data
Schematic T
Schematic M
20 19 18 17 16 15 14 13 12 11
24 23 22 21 20 19 18 17 16 15 14 13
1
2
3
4
5
6
7
8
9
10 11 12
1
2
3
4
5
6
7
8
9
10


Similar Part No. - GUS-QS20T-330-K-470-M

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-QS20P-330-K-470-K IRCTT-GUS-QS20P-330-K-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-QS20P-330-K-470-M IRCTT-GUS-QS20P-330-K-470-M Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-QS20P-330-M-470-K IRCTT-GUS-QS20P-330-M-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-QS20P-330-M-470-M IRCTT-GUS-QS20P-330-M-470-M Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-QS20PLF-330-K-470-K IRCTT-GUS-QS20PLF-330-K-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
More results

Similar Description - GUS-QS20T-330-K-470-M

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-QS20R-330-K-470-M IRCTT-GUS-QS20R-330-K-470-M Datasheet
188Kb / 2P
   TaNCap Tapped Filter Network
GUS-QRC1284-332-KM IRCTT-GUS-QRC1284-332-KM Datasheet
130Kb / 2P
   TaNCap QSOP IEEE 1284 Filter Network
logo
List of Unclassifed Man...
QRC1284 ETC-QRC1284 Datasheet
139Kb / 2P
   TaNCap IEEE 1284 Integrated Filter Network
logo
IRC - a TT electronics ...
GUS-QRC1284X2-1-KM IRCTT-GUS-QRC1284X2-1-KM Datasheet
540Kb / 3P
   TaNCap IEEE 1284 Integrated Filter Network
logo
Bel Fuse Inc.
0556-2006-24 BEL-0556-2006-24 Datasheet
246Kb / 2P
   10BASE-T NETWORK COMPONENTS FILTER MODULES
logo
PCA ELECTRONICS INC.
EPE6135 PCA-EPE6135 Datasheet
43Kb / 1P
   10Base-T Interface Filter Module with Resistor Network
logo
Bourns Electronic Solut...
4420P-601-250 BOURNS-4420P-601-250 Datasheet
231Kb / 2P
   RC Network T-Filters
601 BOURNS-601 Datasheet
231Kb / 2P
   RC Network T-Filters
4120R-601-250 BOURNS-4120R-601-250 Datasheet
231Kb / 2P
   RC Network T-Filters
4420P-601-201 BOURNS-4420P-601-201 Datasheet
231Kb / 2P
   RC Network T-Filters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com