Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBC-M0303AS-01-2402-K Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # WBC-M0303AS-01-2402-K
Description  Wire Bondable Multi-tap Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBC-M0303AS-01-2402-K Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  WBC-M0303AS-01-2402-K Datasheet HTML 1Page - IRC - a TT electronics Company. WBC-M0303AS-01-2402-K Datasheet HTML 2Page - IRC - a TT electronics Company. WBC-M0303AS-01-2402-K Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Absolute Tolerance
to ±5%
Absolute TCR
to ±25ppm/°C
Package Power Rating
(@ 70°C)
250mW
Rated Operating Voltage
(not to exceed
P x R )
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
Oxidized Silicon
(10KÅ SiO
2 minimum)
Substrate Thickness
0.010˝ ±0.001
(0.254mm ±0.025)
Bond Pad
Metallization
Aluminum
10KÅ minimum
Gold
15KÅ minimum
Backside
Silicon (gold available)
Passivation
Silicon Dioxide or
Silicon Nitride
Wire Bondable
Multi-tap Chip Resistors
Power Derating Data
Environmental Data
Test
Method
Max ∆R
Typical ∆R
Thermal Shock
MIL-STD-202
Method 107
Test condition F
±0.1%
±0.02%
High Temperature Exposure
MIL-STD-883
Method 1008
150°C, 1000 hours
±0.1%
±0.05%
Low Temperature Storage
-55°C, 1000 hours
±0.03%
±0.01%
Life
MIL-STD-202
Method 108
70°C, 1000 hours
±0.5%
±0.01%
Life at Elevated Temperature
MIL-STD-202
Method 108
125°C, 1000 hours
±0.5%
±0.05%
Absolute TCR
Commercial
Code
MIL Inspection
Code*
±300ppm/°C
00
04
±100ppm/°C
01
05
±50ppm/°C
02
06
±25ppm/°C
03
07
TCR/Inspection Code Table
*Notes: Product supplied to Class H of MIL-PRF 38534 include 100% visual inspection
WBC Series Issue January 2009 Sheet 2 of 3


Similar Part No. - WBC-M0303AS-01-2402-K

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-B0202AG-01-1002-B IRCTT-WBC-B0202AG-01-1002-B Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-C IRCTT-WBC-B0202AG-01-1002-C Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-D IRCTT-WBC-B0202AG-01-1002-D Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-F IRCTT-WBC-B0202AG-01-1002-F Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
WBC-B0202AG-01-1002-G IRCTT-WBC-B0202AG-01-1002-G Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
More results

Similar Description - WBC-M0303AS-01-2402-K

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
logo
Vishay Siliconix
MTT VISHAY-MTT Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
IRC - a TT electronics ...
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
   Wire Bondable High Range Chip Resistors
WBA-T0303GG-01-1002-KJ IRCTT-WBA-T0303GG-01-1002-KJ Datasheet
507Kb / 3P
   Wire Bondable Ceramic Resistors
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
TT Electronics.
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
IRC - a TT electronics ...
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
   Wire Bondable Chip Capacitor
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com