Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSM16801GLFTR Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # WSM16801GLFTR
Description  Molded Surface Mount Wirewound Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WSM16801GLFTR Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  WSM16801GLFTR Datasheet HTML 1Page - IRC - a TT electronics Company. WSM16801GLFTR Datasheet HTML 2Page - IRC - a TT electronics Company. WSM16801GLFTR Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Molded Surface Mount
Wirewound Resistor
*Note: The power ratings to be applied depend upon the board used and the ambient temperature.
Sample Part No.
IRC Type
(WSM1, WSM2, WSM3)
Resistance Value
(100
Ω and greater - First 3 significant digits plus
4th digit multiplier) Example: 100
Ω = 1000, 1000Ω = 1001,
150,000
Ω = 1503 (Less than 100Ω - "R" is used to designate
decimal) Example: 51
Ω = 51R0, 1Ω = 1R00, 0.25Ω = R250
Tolerance
(K = 10%, J = 5%, G = 2%, F = 1%)
Lead Free, RoHS Designator
Packaging Code
(TR = 13" Reel)
Ordering Data
WSM3
6801
F
LF
TR
Specify type, reference, etc. as indicated in this example of a
WSM3 6801 F resistor with tape and reel packaging.
Standard Quantities Per Package
Type
Code
WSM1
WSM2
WSM3
13" Reel
(330mm)
R
1500
800
750
Packaging:
WSM2 resistors are supplied on .945 (24mm) wide
carrier tape.
WSM3 resistors are supplied on 1.26 (32mm) wide
carrier tape.
Both products are reeled onto 13.00 (330mm)
diameter reels.
*For packaging information, see Appendix "A".
Environmental Data
Characteristics
WSM-1
WSM-2
WSM-1
Load at Rated Power: 1000 hours @ 70°C
2 ± 0.001
2 ± 0.001
3 ± 0.001
Dry Heat:
1000 hours @ 155°C
2 ± 0.001
2 ± 0.001
3 ± 0.001
Short Term Overload
2 ± 0.001
Derating from Rated Power @ 70°C
zero at 155°C
Moisture
1 ± 0.001
1 ± 0.001
1.5 ± 0.001
Temperature Cycling
1 ± 0.001
Resistance to Solder Heat
1 ± 0.001
Isolation Voltage
1,000
Insulation Resistance
>1000M
Substrate Bend
0.2 ± 0.001
∆R%
volts
ohms
∆R%
∆R%
∆R%
∆R%
∆R%
∆R%
Dimensions (Inches and (mm))
Ao
Bo
Ko
W
P
T
WSM1
.165
(4.2)
.300
(7.62)
.165
(4.20)
.630
(16.0)
.315
(8.00)
.014
(0.36)
WSM2
.266
(6.75)
.470
(11.95)
.206
(5.22)
.945
(24.0)
.473
(12.0)
.014
(0.36)
WSM3
.288
(7.3)
.721
(18.3)
.264
(6.7)
1.26
(32.0)
.473
(12.0)
.016
(0.4)
A0
P
B0
W
K0
t
WSM Series Issue December 2008 Sheet 3 of 3


Similar Part No. - WSM16801GLFTR

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
WSM1 WELWYN-WSM1 Datasheet
75Kb / 2P
   Moulded Surface Mount Wirewound Resistors
logo
AiT Semiconductor Inc.
WSM1050-1R2M AITSEMI-WSM1050-1R2M Datasheet
272Kb / 3P
   WIRE WOUND SMD INDUCTOR
WSM1050-1R8M AITSEMI-WSM1050-1R8M Datasheet
272Kb / 3P
   WIRE WOUND SMD INDUCTOR
WSM1050-2R4M AITSEMI-WSM1050-2R4M Datasheet
272Kb / 3P
   WIRE WOUND SMD INDUCTOR
WSM1050-3R3M AITSEMI-WSM1050-3R3M Datasheet
272Kb / 3P
   WIRE WOUND SMD INDUCTOR
More results

Similar Description - WSM16801GLFTR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR4525 BOURNS-PWR4525 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
PWR2615 BOURNS-PWR2615 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
logo
Stackpole Electronics, ...
SMH SEI-SMH Datasheet
267Kb / 4P
   Surface Mount Wirewound Resistor
8/31/2022
logo
List of Unclassifed Man...
SM8035FT1R00 ETC2-SM8035FT1R00 Datasheet
130Kb / 2P
   Surface Mount Wirewound Resistor
logo
Bourns Electronic Solut...
PWR1913 BOURNS-PWR1913 Datasheet
123Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
PWR6327 BOURNS-PWR6327 Datasheet
122Kb / 2P
   SURFACE MOUNT WIREWOUND RESISTOR
logo
Vishay Siliconix
IMC-1210 VISHAY-IMC-1210_17 Datasheet
78Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 02-Jun-15
IMC1210ER100K VISHAY-IMC1210ER100K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1210ER1R0K VISHAY-IMC1210ER1R0K Datasheet
72Kb / 2P
   Wirewound, Surface Mount Molded Inductors
Revision: 15-Mar-11
IMC1812EU221K VISHAY-IMC1812EU221K Datasheet
84Kb / 3P
   Wirewound, Surface Mount, Molded Inductors
Revision: 23-Feb-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com