Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3DC11CAP-0491J Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # 3DC11CAP-0491J
Description  SMD 3D Coil 11x11x3.6 mm (7.2 mH - 2.38 mH) with cap
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

3DC11CAP-0491J Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  3DC11CAP-0491J Datasheet HTML 1Page - PREMO CORPORATION S.L 3DC11CAP-0491J Datasheet HTML 2Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical specifications
P/N

L
x,y,z

(mH)

Cres

(pF)

Q
x,y,z

SRF
x,
y

(kHz)

SRF
z

(kHz)

RDC
x,y

Max
(Ω)

RDC
z

Max
(Ω)

Sensitivity
x,y,z

(mVpp/App/m)

3DC11CAP-0238J
2.38
680
>25
>500
>900
50
50
40
3DC11CAP-0247J
2.47
656
>25
>500
>800
50
50
50
3DC11CAP-0345J
3.45
470
>29
>400
>800
60
70
55
3DC11CAP-0405J
4.05
400
>30
>400
>600
67
67
60
3DC11CAP-0477J
4.77
340
>30
>370
>600
70
96
65
3DC11CAP-0491J
4.91
330
>32
>350
>600
74
98
65
3DC11CAP-0720J
7.20
225
>25
>350
>500
84
120
72
This Chart is a reference guide for the most common required values at working frequency of 125 kHz.
Any other inductance value at LF or tighter tolerances can be provided. Also can be supplied different
inductance values in the different winding axis. Please contact our sales department for any inquiry.
L and Q factor measured at 125 kHz, 1 Vac.
Sensitivity measured with Helmholtz coils H:8.36 App/m @125 kHz. Contact us for measurement
specification.
SRF: Self Resonant Frequency of the coil.


Similar Part No. - 3DC11CAP-0491J

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
3DC1111 DBLECTRO-3DC1111 Datasheet
181Kb / 4P
   SMD 3D Coil 11x11x3mm Low Profile
logo
PREMO CORPORATION S.L
3DC1111LP PREMO-3DC1111LP Datasheet
181Kb / 4P
   SMD 3D Coil 11x11x3mm Low Profile
3DC11F PREMO-3DC11F Datasheet
135Kb / 1P
   SMD Foam Label 3D Coil 13x11.6x4.2mm(2.38mH - 7.2mH) Low Prole
3DC11F-0238J PREMO-3DC11F-0238J Datasheet
135Kb / 1P
   SMD Foam Label 3D Coil 13x11.6x4.2mm(2.38mH - 7.2mH) Low Prole
3DC11F-0491J PREMO-3DC11F-0491J Datasheet
135Kb / 1P
   SMD Foam Label 3D Coil 13x11.6x4.2mm(2.38mH - 7.2mH) Low Prole
More results

Similar Description - 3DC11CAP-0491J

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
3DC11LPCAP PREMO-3DC11LPCAP Datasheet
136Kb / 1P
   SMD CAP 3D Coil 13x12.8x3.7 mm (2.38 mH - 7.2 mH) Low Prole
3DC11LP PREMO-3DC11LP_14 Datasheet
130Kb / 1P
   SMD 3D Coil 13x11.6x3.15 mm MAX (2.38 mH ??7.2 mH) Low prole
3DC15F PREMO-3DC15F Datasheet
130Kb / 1P
   SMD Foam Label 3D Coil 17.5x15.5x5 mm MAX (2.47 mH ??7.2 mH)
3DC15 PREMO-3DC15 Datasheet
121Kb / 1P
   SMD 3D Coil 17.5x15.5x3.8 mm MAX (2.47 mH ??10mH)
logo
EPCOS
B82472-G4 EPCOS-B82472-G4 Datasheet
505Kb / 4P
   Size 7x7 mm Rated inductance 1 mH .. 1000 mH
B82464G4682M EPCOS-B82464G4682M Datasheet
45Kb / 3P
   Size 10x10 mm Rated inductance 0,82 mH .. 1000 mH
logo
PREMO CORPORATION S.L
3DC1515-HF PREMO-3DC1515-HF Datasheet
83Kb / 1P
   SMD 3D Coil 17.5x16.0x4.0 mm MAX
logo
SCHOTT CORPORATION
32298 SCHOTT-32298 Datasheet
13Kb / 1P
   INDUCTOR, 9 mH INDUCTOR, 9 mH
logo
List of Unclassifed Man...
V600HR ETC2-V600HR Datasheet
26Kb / 1P
   Ni-MH
V20HR ETC2-V20HR Datasheet
52Kb / 1P
   Ni-MH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com