Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBA-T0303GC-01-1002-FD Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # WBA-T0303GC-01-1002-FD
Description  Wire Bondable Ceramic Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBA-T0303GC-01-1002-FD Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  WBA-T0303GC-01-1002-FD Datasheet HTML 1Page - IRC - a TT electronics Company. WBA-T0303GC-01-1002-FD Datasheet HTML 2Page - IRC - a TT electronics Company. WBA-T0303GC-01-1002-FD Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Ceramic Resistors
WBA Series
High resistor density
Lower stray capacitance
Proven TaNFilm® on ceramic technology
0.004˝ min
Bond Pads
Physical Data
T0303 - Tapped network
IRC’s WBA series wire bondable ceramic resistors are ideally suited for
your most demanding hybrid application. IRC’s TaNFilm® tantalum nitride
thin film technology has years of proven stability, reliability and moisture performance.
IRC’s WBA series of ceramic chip resistors offer a wide range of tolerances and temperature coefficients to fit
a variety of hybrid circuit applications. Custom resistance values, sizes and schematics are also available on
request to the factory.
For high performance wire bondable ceramic resistors for hybrid circuit application, specify IRC WBA series
resistors.
½R
½R
Absolute Tolerance
to ±0.1%
Ratio Tolerance
to ±0.05%
Absolute TCR
to ±25ppm/°C
Tracking TCR
to ±2ppm/°C
Package Power Rating (@ 70°C)
250mW
Rated Operating Voltage
(not to exceed
P x R )
100V
Operating Temperature
-55°C to +150°C
Noise
<-30dB
Substrate Material
99.6% Alumina
Substrate Thickness
0.015˝ ±0.002
(0.381mm ±0.05)
Bond Pad Metallization
Gold: 30KÅ minimum
Backside
Ceramic (gold available)
Electrical Data
0.030˝ ±0.001
(0.762mm ±0.025)
WBA Series Issue January 2009 Sheet 1 of 3


Similar Part No. - WBA-T0303GC-01-1002-FD

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBA TTELEC-WBA Datasheet
624Kb / 3P
   High resistor density
More results

Similar Description - WBA-T0303GC-01-1002-FD

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBC-R0202AG-01-1002-K IRCTT-WBC-R0202AG-01-1002-K Datasheet
381Kb / 3P
   Wire Bondable Chip Resistors
logo
TT Electronics.
WBC TTELEC-WBC_17 Datasheet
359Kb / 3P
   Wire Bondable Chip Resistors
logo
IRC - a TT electronics ...
WBC-R0202CRAG-01-2004-KJ IRCTT-WBC-R0202CRAG-01-2004-KJ Datasheet
378Kb / 3P
   Wire Bondable High Range Chip Resistors
WBC-M0303AG-01-2402-M IRCTT-WBC-M0303AG-01-2402-M Datasheet
524Kb / 3P
   Wire Bondable Multi-tap Chip Resistors
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
Vishay Siliconix
SAK1UF0124 VISHAY-SAK1UF0124 Datasheet
94Kb / 3P
   Current Sensing Bondable Chip Resistors
Revision: 06-Oct-08
logo
TT Electronics.
WBC-C0606AG-102-K TTELEC-WBC-C0606AG-102-K Datasheet
867Kb / 2P
   Wire Bondable Chip Capacitor
logo
IRC - a TT electronics ...
WBC-C0202AA-102-M IRCTT-WBC-C0202AA-102-M Datasheet
754Kb / 2P
   Wire Bondable Chip Capacitor
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com