Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN0603 Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # PN0603
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0603 Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  PN0603 Datasheet HTML 1Page - PREMO CORPORATION S.L PN0603 Datasheet HTML 2Page - PREMO CORPORATION S.L PN0603 Datasheet HTML 3Page - PREMO CORPORATION S.L PN0603 Datasheet HTML 4Page - PREMO CORPORATION S.L PN0603 Datasheet HTML 5Page - PREMO CORPORATION S.L PN0603 Datasheet HTML 6Page - PREMO CORPORATION S.L PN0603 Datasheet HTML 7Page - PREMO CORPORATION S.L PN0603 Datasheet HTML 8Page - PREMO CORPORATION S.L PN0603 Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
PN0403 (1µH – 1000µH)
PN0403 – 120M
12.0±20%
28
1
2.52
0.210
1.050
PN0403 – 150M
15.0±20%
28
1
2.52
0.235
0.920
PN0403 – 180M
18.0±20%
25
1
2.52
0.338
0.840
PN0403 – 220M
22.0±20%
25
1
2.52
0.378
0.760
PN0403 – 270M
27.0±20%
20
1
2.52
0.522
0.710
PN0403 – 330K
33.0±10%
20
1
2.52
0.540
0.640
PN0403 – 390K
39.0±10%
20
1
2.52
0.587
0.590
PN0403 – 470K
47.0±10%
20
1
2.52
0.844
0.540
PN0403 – 560K
56.0±10%
20
1
2.52
0.937
0.500
PN0403 – 680K
68.0±10%
20
1
2.52
1.117
0.460
PN0403 – 820K
82.0±10%
25
1
2.52
1.270
0.420
PN0403 – 101K
100.0±10%
35
1
0.796
1.900
0.350
PN0403 – 121K
120.0±10%
50
1
0.796
2.200
0.320
PN0403 – 151K
150.0±10%
50
1
0.796
3.400
0.260
PN0403 – 181K
180.0±10%
50
1
0.796
3.900
0.240
PN0403 – 221K
220.0±10%
50
1
0.796
4.400
0.220
PN0403 – 271K
270.0±10%
45
1
0.796
5.000
0.200
PN0403 – 331K
330.0±10%
40
1
0.796
6.000
0.170
PN0403 – 391K
390.0±10%
40
1
0.796
6.400
0.150
PN0403 – 471K
470.0±10%
50
1
0.796
7.000
0.130
PN0403 – 561K
560.0±10%
50
1
0.796
7.800
0.120
PN0403 – 681K
680.0±10%
40
1
0.796
8.600
0.110
PN0403 – 821K
820.0±10%
38
1
0.796
12.000
0.100
PN0403 – 102K
1000±10%
38
1
0.252
14.000
0.090
PN0502 (100µH – 2700µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(KHz)
RDC
(Ω)
max.
Irms
(mA)
∆T=20ºC
max.
Isat
(mA)
∆L/L0A=10%
typ.
PN0502 – 101M
100.0±20%
20
100
7.96
1.5
270
265
PN0502 – 121M
120.0±20%
27
100
7.96
1.7
252
245
PN0502 – 151M
150.0±20%
28
100
7.96
2.2
237
232
PN0502 – 181M
180.0±20%
25
100
7.96
2.5
220
215
PN0502 – 221M
220.0±20%
32
100
7.96
3.2
204
200
PN0502 – 271M
270.0±20%
30
100
7.96
3.9
190
182
PN0502 – 331M
330.0±20%
40
100
7.96
5.0
174
165
PN0502 – 391M
390.0±20%
40
100
7.96
5.4
156
148


Similar Part No. - PN0603

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PN06L05 INFINEON-PN06L05 Datasheet
310Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
PN06L13 VBSEMI-PN06L13 Datasheet
967Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PN0603

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com