Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PNN6028-100M Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PNN6028-100M
Description  SMD Power Inductors Unshielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PNN6028-100M Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PNN6028-100M Datasheet HTML 1Page - PREMO CORPORATION S.L PNN6028-100M Datasheet HTML 2Page - PREMO CORPORATION S.L PNN6028-100M Datasheet HTML 3Page - PREMO CORPORATION S.L PNN6028-100M Datasheet HTML 4Page - PREMO CORPORATION S.L PNN6028-100M Datasheet HTML 5Page - PREMO CORPORATION S.L PNN6028-100M Datasheet HTML 6Page - PREMO CORPORATION S.L PNN6028-100M Datasheet HTML 7Page - PREMO CORPORATION S.L PNN6028-100M Datasheet HTML 8Page - PREMO CORPORATION S.L PNN6028-100M Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PNN6028 , PNN7045 , PNN1030 ,
PNN1045 & PNN1305
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
30ºC max. (PNN1030)
a.- Temp. rise
40ºC max. (PNN6028,PNN7045,PNN1045,PNN1305)
b.- Storage temp. : -40ºC ~ +125ºC
c.- Operating temp. : -40ºC ~ +125ºC
(Temp. rise included)
d.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PNN6028 (1.5µH – 1000µH)
DWG No.
Inductance
(
µH)
Test Freq.
L
(KHz)
RDC
(Ω)
max.
Irms
(A)
max.
Isat
(A)
max.
PNN6028 – 1R5M
1.5±20%
100
0.028
4.00
3.50
PNN6028 – 2R2M
2.2±20%
100
0.030
3.30
2.80
PNN6028 – 3R3M
3.3±20%
100
0.058
2.50
2.30
PNN6028 – 4R7M
4.7±20%
100
0.065
2.20
2.00
PNN6028 – 6R8M
6.8±20%
100
0.085
2.00
1.70
PNN6028 – 100M
10.0±20%
100
0.115
1.70
1.50
PNN6028 – 150M
15.0±20%
100
0.160
1.40
1.15
PNN6028 – 220M
22.0±20%
100
0.210
1.25
0.95
PNN6028 – 330M
33.0±20%
100
0.320
1.00
0.80
PNN6028 – 470K
47.0±10%
100
0.450
0.75
0.70
PNN6028 – 680K
68.0±10%
100
0.650
0.65
0.60
PNN6028 – 101K
100.0±10%
100
0.880
0.52
0.50
PNN6028 – 151K
150.0±10%
100
1.280
0.40
0.38
PNN6028 – 221K
220.0±10%
100
1.920
0.33
0.30
PNN6028 – 331K
330.0±10%
100
2.850
0.28
0.26
PNN6028 – 471K
470.0±10%
100
4.350
0.22
0.21
PNN6028 – 681K
680.0±10%
100
6.500
0.18
0.18
PNN6028 – 102K
1000.0±10%
100
12.500
0.13
0.14


Similar Part No. - PNN6028-100M

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
PNN5022A PREMO-PNN5022A Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-102K PREMO-PNN5022A-102K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-121K PREMO-PNN5022A-121K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-151K PREMO-PNN5022A-151K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
PNN5022A-181K PREMO-PNN5022A-181K Datasheet
187Kb / 6P
   SMD Power Inductors Unshielded
More results

Similar Description - PNN6028-100M

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com