Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB5028 Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # PSB5028
Description  SMD Power Inductors Shielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSB5028 Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  PSB5028 Datasheet HTML 1Page - PREMO CORPORATION S.L PSB5028 Datasheet HTML 2Page - PREMO CORPORATION S.L PSB5028 Datasheet HTML 3Page - PREMO CORPORATION S.L PSB5028 Datasheet HTML 4Page - PREMO CORPORATION S.L PSB5028 Datasheet HTML 5Page - PREMO CORPORATION S.L PSB5028 Datasheet HTML 6Page - PREMO CORPORATION S.L PSB5028 Datasheet HTML 7Page - PREMO CORPORATION S.L PSB5028 Datasheet HTML 8Page - PREMO CORPORATION S.L PSB5028 Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
PSB0503 , PSB5028 , PSB6013 ,
PSB6025 , PSB8040 & PSB8058
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
3
PSB5028 (4.7µH – 220µH)
Test Freq.
RDC
(mΩ)
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
typ.
max.
SRF
(MHz)
typ.
Irms
(mA)
typ.
Isat
(mA)
typ.
PSB5028 – 4R7N
4.7±30%
8.0
100
7.96
24.0
35.0
70
2500
1500
PSB5028 – 6R8N
6.8±30%
7.2
100
7.96
28.0
38.0
45
2200
1200
PSB5028 – 100N
10.0±30%
10.5
100
2.52
46.5
60.0
35
1800
950
PSB5028 – 150N
15.0±30%
20.0
100
2.52
63.0
82.0
30
1500
800
PSB5028 – 220N
22.0±30%
17.0
100
2.52
105.0
132.0
20
1150
680
PSB5028 – 330N
33.0±30%
18.0
100
2.52
150.0
195.0
15
960
600
PSB5028 – 470N
47.0±30%
13.0
100
2.52
195.0
250.0
14
830
450
PSB5028 – 680N
68.0±30%
12.0
100
2.52
260.0
340.0
10
750
330
PSB5028 – 101N
100.0±30%
35.0
100
0.796
425.0
550.0
10
520
300
PSB5028 – 151N
150.0±30%
45.0
100
0.796
600.0
750.0
8
480
280
PSB5028 – 221N
220.0±30%
40.0
100
0.796
870.0
1085.0
6
360
240
PSB6013 (1µH – 68µH)
Test Freq.
RDC
(mΩ)
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
typ.
max.
SRF
(MHz)
typ.
Irms
(mA)
typ.
Isat
(mA)
typ.
PSB6013 – 1R0N
1.0±30%
12
100
7.96
28
36
100
3200
2900
PSB6013 – 1R5N
1.5±30%
10
100
7.96
32
40
90
3000
2400
PSB6013 – 2R2N
2.2±30%
10
100
7.96
40
50
80
2500
2100
PSB6013 – 3R3N
3.3±30%
10
100
7.96
45
60
70
2350
1750
PSB6013 – 4R2N
4.2±30%
10
100
7.96
58
75
55
2100
1500
PSB6013 – 6R4N
6.4±30%
10
100
7.96
85
110
45
1700
1300
PSB6013 – 100N
10.0±30%
14
100
2.52
132
165
35
1400
1000
PSB6013 – 150N
15.0±30%
12
100
2.52
180
235
26
1100
800
PSB6013 – 220N
22.0±30%
12
100
2.52
260
325
22
950
720
PSB6013 – 330N
33.0±30%
10
100
2.52
400
500
18
780
580
PSB6013 – 470N
47.0±30%
10
100
2.52
540
675
14
660
500
PSB6013 – 680N
68.0±30%
10
100
2.52
720
900
10
600
400


Similar Part No. - PSB5028

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB50 POWERSEM-PSB50 Datasheet
119Kb / 1P
   Single Phase Rectifier Bridges
logo
Infineon Technologies A...
PSB50510 INFINEON-PSB50510 Datasheet
481Kb / 2P
   Single Chip ADSL 2 /2 CPE Solution
2004
More results

Similar Description - PSB5028

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com