Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN3316-151K Datasheet(PDF) 1 Page - PREMO CORPORATION S.L

Part # PN3316-151K
Description  SMD Power Inductors Unshielded
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN3316-151K Datasheet(HTML) 1 Page - PREMO CORPORATION S.L

  PN3316-151K Datasheet HTML 1Page - PREMO CORPORATION S.L PN3316-151K Datasheet HTML 2Page - PREMO CORPORATION S.L PN3316-151K Datasheet HTML 3Page - PREMO CORPORATION S.L PN3316-151K Datasheet HTML 4Page - PREMO CORPORATION S.L PN3316-151K Datasheet HTML 5Page - PREMO CORPORATION S.L PN3316-151K Datasheet HTML 6Page - PREMO CORPORATION S.L PN3316-151K Datasheet HTML 7Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PN0805 , PN3316 & PN5022
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
1
1. Configuration & Dimensions
Dimensions [mm]
Series
A
B
C
D
E
F
G(ref.)
H(ref.)
I(ref.)
PN0805
8.0±0.3
10.5±0.3
5.0±0.3
2.1±0.2
2.0±0.2
6.0±0.3
5.7
2.2
2.4
PN3316
10.0±0.3
12.7±0.3
5.0±0.3
2.4±0.2
2.5±0.2
7.6±0.3
7.3
2.8
3.0
PN5022
14.0±0.5
18.2±0.5
6.6±0.5
2.5±0.2
2.6±0.2
13.4±0.3
12.7
2.9
3.2
2. Schematic Diagram
3. Materials
a.- Core : Ferrite DR Core
b.- Wire : Enamelled copper wire (class F)
c.- Base : LCP E4008
d.- Terminal : Cu / Ni / Sn
e.- Adhesive : Epoxy resin
f.- Solder wire : Sn97 / Cu3 solder Alloys
g.- Remark : Lead content 200ppm max. include ferrite
4. General Specification
40ºC max. (PN0805,PN5022)
a.- Temp. rise
15ºC typ. (PN3316)
b.- Storage temp. : -40ºC ~ +125ºC
c.- Operating temp. : -40ºC ~ +105ºC
d.- Resistance to solder heat : 260ºC. 10 secs


Similar Part No. - PN3316-151K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
PN330CL PANASONIC-PN330CL Datasheet
81Kb / 3P
   PIN Photodiode
PN335 PANASONIC-PN335 Datasheet
56Kb / 3P
   PIN Photodiode
More results

Similar Description - PN3316-151K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com