Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSP1055-3R2M Datasheet(PDF) 2 Page - PREMO CORPORATION S.L

Part # PSP1055-3R2M
Description  SMD Power Inductors Shielded
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSP1055-3R2M Datasheet(HTML) 2 Page - PREMO CORPORATION S.L

  PSP1055-3R2M Datasheet HTML 1Page - PREMO CORPORATION S.L PSP1055-3R2M Datasheet HTML 2Page - PREMO CORPORATION S.L PSP1055-3R2M Datasheet HTML 3Page - PREMO CORPORATION S.L PSP1055-3R2M Datasheet HTML 4Page - PREMO CORPORATION S.L PSP1055-3R2M Datasheet HTML 5Page - PREMO CORPORATION S.L PSP1055-3R2M Datasheet HTML 6Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PSP1045
PSP1045
PSP1045
PSP1045 & PSP1055
PSP1055
PSP1055
PSP1055
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
2
4. General Specification
a.- Storage temp. : -55ºC ~ +135ºC
b.- Operating temp. : -55ºC ~ +135ºC
(Temp. rise included)
c.- Resistance to solder heat : 260ºC. 10 secs
5. Electrical Characteristics
PSP1045
PSP1045
PSP1045
PSP1045 (0.36µH – 3.20µH)
RDC
(m )
DWG No.
Inductance
(
µµµµH)
Test Freq.
L
(KHz)
typ.
max.
Irms
(A)
max.
Isat
(A)
typ.
PSP1045 – R36N
0.36±30%
100
1.3
1.7
23.0
26.0
PSP1045 – R80M
0.80±20%
100
3.0
3.9
15.0
17.0
PSP1045 – 1R4M
1.40±20%
100
3.4
4.4
13.0
14.0
PSP1045 – 2R2M
2.20±20%
100
6.7
8.7
9.5
10.0
PSP1045 – 3R2M
3.20±20%
100
8.0
10.4
8.0
8.0
PSP1055
PSP1055
PSP1055
PSP1055 (0.36µH – 8.80µH)
RDC
(m )
DWG No.
Inductance
(
µµµµH)
Test Freq.
L
(KHz)
typ.
max.
Irms
(A)
max.
Isat
(A)
typ.
PSP1055 – R36N
0.36±30%
100
1.3
1.7
28.0
26.0
PSP1055 – R80M
0.80±20%
100
1.9
2.5
20.0
18.0
PSP1055 – 1R4M
1.40±20%
100
2.4
3.2
16.0
14.0
PSP1055 – 2R2M
2.20±20%
100
4.7
5.8
12.0
10.0
PSP1055 – 3R2M
3.20±20%
100
5.6
7.2
11.0
9.0
PSP1055 – 4R3M
4.30±20%
100
6.5
8.5
10.0
8.0
PSP1055 – 5R7M
5.70±20%
100
10.7
13.2
7.6
7.0
PSP1055 – 7R2M
7.20±20%
100
11.9
15.5
7.0
6.2
PSP1055 – 8R8M
8.80±20%
100
13.2
17.2
6.0
5.6


Similar Part No. - PSP1055-3R2M

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
PSP1 SYSTEMSENSOR-PSP1 Datasheet
148Kb / 2P
   Special Purpose Supervisory Switch
PSP1A SYSTEMSENSOR-PSP1A Datasheet
148Kb / 2P
   Special Purpose Supervisory Switch
More results

Similar Description - PSP1055-3R2M

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com