Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSH3018-470N Datasheet(PDF) 10 Page - PREMO CORPORATION S.L

Part # PSH3018-470N
Description  SMD Power Inductors Shielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSH3018-470N Datasheet(HTML) 10 Page - PREMO CORPORATION S.L

Back Button PSH3018-470N Datasheet HTML 3Page - PREMO CORPORATION S.L PSH3018-470N Datasheet HTML 4Page - PREMO CORPORATION S.L PSH3018-470N Datasheet HTML 5Page - PREMO CORPORATION S.L PSH3018-470N Datasheet HTML 6Page - PREMO CORPORATION S.L PSH3018-470N Datasheet HTML 7Page - PREMO CORPORATION S.L PSH3018-470N Datasheet HTML 8Page - PREMO CORPORATION S.L PSH3018-470N Datasheet HTML 9Page - PREMO CORPORATION S.L PSH3018-470N Datasheet HTML 10Page - PREMO CORPORATION S.L PSH3018-470N Datasheet HTML 11Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
PS
PS
PS
PSH3018
H3018
H3018
H3018 , PS
, PS
, PS
, PSH3027
H3027
H3027
H3027 , PS
, PS
, PS
, PSH4028
H4028
H4028
H4028 ,,,,
PS
PS
PS
PSH5018 , PSH5028
H5018 , PSH5028
H5018 , PSH5028
H5018 , PSH5028 & PS
PS
PS
PSH6022
H6022
H6022
H6022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
10
9. Reliability Test
Test item
Specification
Test condition
Solderability
More than 90% of the
terminal electrode
shall be covered
with fresh solder
Preheat : 150±25% for 60 seconds
Solder : Sn96.5 / Ag3 / Cu0.5 or equivalent
Solder temp. : 235±5ºC
Flux : Rosin
Dip time : 4±1 seconds
Thermal shock test
(Temp. cycle)
Room temp.
-25±2ºC
15 minutes
30 minutes
Room temp.
85±2ºC
15 minutes
30 minutes
Total : 50 cycles
Humidity
Resistance test
Temperature : 40±2ºC
Humidity : 90 ~ 95%
Applied current : Per specifications
Time : 500 hours
High temp.
Resistance test
Inductance shall
not change more
than ±20%
Temperature : 105±2ºC
Applied current : Per specifications
Time : 500 hours
10. Edition Control
Edition
Date
Change description
Made by


Similar Part No. - PSH3018-470N

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
   Compact Coaxial Connector
logo
Wabash Transformer Inc.
PSH-06-10 WABASH-PSH-06-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-120 WABASH-PSH-06-120 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-126 WABASH-PSH-06-126 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-16 WABASH-PSH-06-16 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
More results

Similar Description - PSH3018-470N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com