Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KV1470TL Datasheet(PDF) 3 Page - TOKO, Inc

Part # KV1470TL
Description  VARIABLE CAPACITANCE DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

KV1470TL Datasheet(HTML) 3 Page - TOKO, Inc

  KV1470TL Datasheet HTML 1Page - TOKO, Inc KV1470TL Datasheet HTML 2Page - TOKO, Inc KV1470TL Datasheet HTML 3Page - TOKO, Inc KV1470TL Datasheet HTML 4Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
October 1999 TOKO, Inc.
Page 3
KV1470
TYPICAL PERFORMANCE CHARACTERISTICS
CAPACITANCE vs.
REVERSE VOLTAGE
VREV (V)
10
100
0
1
2
3
4
5
TA = 25 °C
f = 1 MHz
30
200
0
2
4
6
8
10
12
14 16
VREV (V)
100 n
10 n
100 p
10 p
REVERSE CURRENT vs.
REVERSE VOLTAGE
TA = 55 °C
TA = 25 °C
TA = 85 °C
1 n
QUALITY FACTOR vs.
REVERSE VOLTAGE
VREV (V)
100
10
1000
0
1
2
3
4
5
70 MHz
TA = 25 °C
f = 50 MHz
100 MHz
SERIES RESISTANCE vs.
FREQUENCY
f (MHz)
0.7
0.5
0.3
VREV = 1.5 V
TA = 25 °C
50
100
300
500
VREV (V)
1.08
1.00
0.94
0.92
TA = +85 °C
-55
°C
-15
°C
+25
°C
+55
°C
f = 1 MHz
0
1
2
3
4
5
0.98
1.04
1.06
vs. REVERSE VOLTAGE
C (TA)
C (25
°C)
0.96
1.02
TEMPERATURE COEFFICIENT
vs. REVERSE VOLTAGE
VREV (V)
1000
100
0
1
2
3
4
5
300
TA = -55 °C to +85 °C
f = 1 MHz


Similar Part No. - KV1470TL

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
KV1471E TOKO-KV1471E Datasheet
25Kb / 4P
   VARIABLE CAPACITANCE DIODE
logo
SHIKUES Electronics
KV1471E SKTECHNOLGY-KV1471E Datasheet
813Kb / 4P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1471EA TOKO-KV1471EA Datasheet
25Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471ETR TOKO-KV1471ETR Datasheet
25Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results

Similar Description - KV1470TL

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDV708Q AUK-SDV708Q_1 Datasheet
174Kb / 3P
   Variable Capacitance Diode
logo
TOKO, Inc
KV1360NT TOKO-KV1360NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1560NT TOKO-KV1560NT Datasheet
45Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1430 TOKO-KV1430 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
logo
Sony Corporation
1T399 SONY-1T399 Datasheet
46Kb / 4P
   Variable Capacitance Diode
logo
Toshiba Semiconductor
1SV162 TOSHIBA-1SV162 Datasheet
34Kb / 1P
   VARIABLE CAPACITANCE DIODE
logo
TOKO, Inc
KV1440 TOKO-KV1440 Datasheet
35Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1471K TOKO-KV1471K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1812K TOKO-KV1812K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832C TOKO-KV1832C Datasheet
26Kb / 4P
   VARIABLE CAPACITANCE DIODE
KV1832K TOKO-KV1832K Datasheet
23Kb / 4P
   VARIABLE CAPACITANCE DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com