Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSB6013-1R0N Datasheet(PDF) 4 Page - PREMO CORPORATION S.L

Part # PSB6013-1R0N
Description  SMD Power Inductors Shielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSB6013-1R0N Datasheet(HTML) 4 Page - PREMO CORPORATION S.L

  PSB6013-1R0N Datasheet HTML 1Page - PREMO CORPORATION S.L PSB6013-1R0N Datasheet HTML 2Page - PREMO CORPORATION S.L PSB6013-1R0N Datasheet HTML 3Page - PREMO CORPORATION S.L PSB6013-1R0N Datasheet HTML 4Page - PREMO CORPORATION S.L PSB6013-1R0N Datasheet HTML 5Page - PREMO CORPORATION S.L PSB6013-1R0N Datasheet HTML 6Page - PREMO CORPORATION S.L PSB6013-1R0N Datasheet HTML 7Page - PREMO CORPORATION S.L PSB6013-1R0N Datasheet HTML 8Page - PREMO CORPORATION S.L PSB6013-1R0N Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PSB0503 , PSB5028 , PSB6013 ,
PSB6025 , PSB8040 & PSB8058
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
4
PSB6025 (1.2µH – 220µH)
Test Freq.
RDC
(mΩ)
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
typ.
max.
SRF
(MHz)
typ.
Irms
(mA)
typ.
Isat
(mA)
typ.
PSB6025 – 1R2N
1.2±30%
8
100
7.96
14.5
19
120
4000
3200
PSB6025 – 2R2N
2.2±30%
8
100
7.96
18.5
24
65
3400
2350
PSB6025 – 3R3N
3.3±30%
8
100
7.96
21.0
27
50
3200
2000
PSB6025 – 4R7N
4.7±30%
8
100
7.96
27.0
35
42
2700
1550
PSB6025 – 6R8N
6.8±30%
8
100
7.96
32.0
42
36
2400
1300
PSB6025 – 8R2N
8.2±30%
8
100
7.96
40.0
52
30
2200
1250
PSB6025 – 100N
10.0±30%
12
100
2.52
44.0
57
25
2000
1050
PSB6025 – 150N
15.0±30%
12
100
2.52
66.0
86
22
1800
920
PSB6025 – 220N
22.0±30%
12
100
2.52
100.0
130
18
1600
700
PSB6025 – 330N
33.0±30%
12
100
2.52
140.0
180
12
1200
640
PSB6025 – 470N
47.0±30%
12
100
2.52
190.0
250
10
1000
480
PSB6025 – 680N
68.0±30%
10
100
2.52
280.0
365
8
800
400
PSB6025 – 101N
100.0±30%
24
100
0.796
385.0
500
7
700
350
PSB6025 – 151N
150.0±30%
30
100
0.796
590.0
770
5
540
280
PSB6025 – 221N
220.0±30%
20
100
0.796
950.0
1250
4
420
240
PSB8040 (3.3µH – 150µH)
Test Freq.
RDC
(mΩ)
DWG No.
Inductance
(
µH)
Q
ref.
L
(KHz)
Q
(MHz)
typ.
max.
SRF
(MHz)
typ.
Irms
(A)
typ.
Isat
(A)
typ.
PSB8040 – 3R3N
3.3±30%
12
100
7.96
13.8
18.0
40.0
6.00
5.00
PSB8040 – 4R2N
4.2±30%
12
100
7.96
16.5
22.0
32.0
5.30
4.60
PSB8040 – 6R2N
6.2±30%
10
100
7.96
25.0
32.0
28.0
4.20
4.00
PSB8040 – 100N
10.0±30%
22
100
2.52
33.0
42.0
20.0
3.70
2.90
PSB8040 – 150N
15.0±30%
20
100
2.52
55.0
70.0
18.0
2.80
2.50
PSB8040 – 220N
22.0±30%
22
100
2.52
88.0
110.0
15.0
2.20
2.05
PSB8040 – 330N
33.0±30%
22
100
2.52
115.0
150.0
12.0
1.90
1.75
PSB8040 – 470N
47.0±30%
20
100
2.52
150.0
190.0
10.0
1.55
1.45
PSB8040 – 680N
68.0±30%
18
100
2.52
205.0
260.0
8.0
1.35
1.10
PSB8040 – 101N
100.0±30%
25
100
0.796
325.0
410.0
6.0
1.05
0.92
PSB8040 – 151N
150.0±30%
18
100
0.796
445.0
560.0
5.0
0.90
0.77


Similar Part No. - PSB6013-1R0N

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB61 POWERSEM-PSB61 Datasheet
169Kb / 2P
   Single Phase Rectifier Bridges
PSB62 POWERSEM-PSB62 Datasheet
177Kb / 2P
   Single Phase Rectifier Bridges
logo
Inchange Semiconductor ...
PSB62-16 ISC-PSB62-16 Datasheet
340Kb / 2P
   Single Phase Rectifier Bridges
PSB62/16 ISC-PSB62/16 Datasheet
340Kb / 2P
   Single Phase Rectifier Bridges
logo
Powersem GmbH
PSB63 POWERSEM-PSB63 Datasheet
152Kb / 2P
   Single Phase Rectifier Bridge
More results

Similar Description - PSB6013-1R0N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com