Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR0513-150K Datasheet(PDF) 3 Page - PREMO CORPORATION S.L

Part # SR0513-150K
Description  Coils and Chokes for general use
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

SR0513-150K Datasheet(HTML) 3 Page - PREMO CORPORATION S.L

  SR0513-150K Datasheet HTML 1Page - PREMO CORPORATION S.L SR0513-150K Datasheet HTML 2Page - PREMO CORPORATION S.L SR0513-150K Datasheet HTML 3Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - SR0513-150K

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR05100 RECTRON-SR05100 Datasheet
224Kb / 3P
   LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.5 Ampere
logo
Zibo Seno Electronic En...
SR05100 ZSELEC-SR05100 Datasheet
224Kb / 3P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Microdiode Electronics ...
SR05100L CHENDA-SR05100L Datasheet
5Mb / 2P
   5 0A Surface Mount Schottky Barrier Rectifiers
logo
Rectron Semiconductor
SR05150 RECTRON-SR05150 Datasheet
224Kb / 3P
   LOW Vf SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 0.5 Ampere
logo
Zibo Seno Electronic En...
SR05150 ZSELEC-SR05150 Datasheet
224Kb / 3P
   5.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SR0513-150K

ManufacturerPart #DatasheetDescription
logo
PREMO CORPORATION S.L
K-KP PREMO-K-KP Datasheet
156Kb / 1P
   Coils and Chokes for general use
C-CP-CS PREMO-C-CP-CS Datasheet
192Kb / 1P
   Coils and Chokes for general use
P-PP PREMO-P-PP Datasheet
411Kb / 4P
   Coils and Chokes for general use
logo
Murata Manufacturing Co...
LQM18NN1R0K00D MURATA-LQM18NN1R0K00D Datasheet
117Kb / 4P
   Chip Coils for General Use Monolithic Type
LQM18NN1R8K00D MURATA-LQM18NN1R8K00D Datasheet
111Kb / 4P
   Chip Coils for General Use Monolithic Type
logo
EPCOS
B82790-C0475-N340 EPCOS-B82790-C0475-N340 Datasheet
75Kb / 5P
   Chokes for Data and Signal Lines
B82794-C2 EPCOS-B82794-C2 Datasheet
77Kb / 4P
   Chokes for Data and Signal Lines
B82720-H15 EPCOS-B82720-H15 Datasheet
59Kb / 2P
   Chokes for Data and Signal Lines
B82799 EPCOS-B82799_00 Datasheet
66Kb / 4P
   Chokes for Data and Signal Lines
B82790-C0502-N201 EPCOS-B82790-C0502-N201 Datasheet
106Kb / 5P
   Chokes for Data and Signal Lines
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com