Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHA-391K Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # SHA-391K
Description  SMD Power Inductors Shielded
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

SHA-391K Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  SHA-391K Datasheet HTML 1Page - PREMO CORPORATION S.L SHA-391K Datasheet HTML 2Page - PREMO CORPORATION S.L SHA-391K Datasheet HTML 3Page - PREMO CORPORATION S.L SHA-391K Datasheet HTML 4Page - PREMO CORPORATION S.L SHA-391K Datasheet HTML 5Page - PREMO CORPORATION S.L SHA-391K Datasheet HTML 6Page - PREMO CORPORATION S.L SHA-391K Datasheet HTML 7Page - PREMO CORPORATION S.L SHA-391K Datasheet HTML 8Page - PREMO CORPORATION S.L SHA-391K Datasheet HTML 9Page - PREMO CORPORATION S.L  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SHA , SHB , SHC & PS1260
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5
PS1260 (1.2µH – 100µH)
Test Freq.
L
(KHz)
DWG No.
Inductance
(
µH)
Q
ref.
1R2N
~
7R6N
(0.1V)
100M
~
101M
(1V)
Q
(MHz)
SRF
(MHz)
typ.
RDC
(m
Ω)
max.
Irms
(A)
∆T=40ºC
typ.
Isat
(A)
∆L/L0A=25%
typ.
PS1260 – 1R2N
1.20±30%
18
100
1
7.96
91.10
8.0
9.20
9.80
PS1260 – 2R4N
2.40±30%
18
100
1
7.96
63.80
11.5
7.80
8.00
PS1260 – 3R5N
3.50±30%
22
100
1
7.96
37.60
13.0
7.50
7.60
PS1260 – 4R7N
4.70±30%
19
100
1
7.96
36.70
15.5
6.80
7.00
PS1260 – 6R1N
6.10±30%
21
100
1
7.96
29.80
17.0
6.60
6.80
PS1260 – 7R6N
7.60±30%
16
100
1
7.96
27.90
19.0
6.00
6.20
PS1260 – 100M
10.0±20%
32
100
1
2.52
21.00
20.0
5.50
5.50
PS1260 – 120M
12.0±20%
27
100
1
2.52
19.40
23.0
5.20
5.00
PS1260 – 150M
15.0±20%
25
100
1
2.52
17.60
27.0
5.00
4.60
PS1260 – 180M
18.0±20%
28
100
1
2.52
15.50
36.0
4.20
3.90
PS1260 – 220M
22.0±20%
29
100
1
2.52
13.40
43.0
4.00
3.70
PS1260 – 270M
27.0±20%
26
100
1
2.52
12.70
45.0
3.60
3.30
PS1260 – 330M
33.0±20%
27
100
1
2.52
9.97
60.0
3.00
2.80
PS1260 – 390M
39.0±20%
22
100
1
2.52
10.40
70.0
2.80
2.70
PS1260 – 470M
47.0±20%
22
100
1
2.52
7.63
86.0
2.60
2.50
PS1260 – 560M
56.0±20%
24
100
1
2.52
7.92
100.0
2.30
2.20
PS1260 – 680M
68.0±20%
22
100
1
2.52
7.43
110.0
2.10
2.10
PS1260 – 820M
82.0±20%
25
100
1
2.52
6.85
145.0
1.95
1.90
PS1260 – 101M
100.0±20%
26
100
1
0.796
6.07
180.0
1.70
1.70


Similar Part No. - SHA-391K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHA000001 ETC2-SHA000001 Datasheet
418Kb / 6P
   3.3V HCSL PCI-Express Gen2 Low Jitter, XO
logo
CIT Relay & Switch
SHA1 CIT-SHA1 Datasheet
269Kb / 3P
   CIT SWITCH
logo
Analog Devices
SHA1114 AD-SHA1114 Datasheet
5Mb / 18P
   HIGH RELIABILIIY CONVERTERS
REV. A
SHA1114 AD-SHA1114_15 Datasheet
5Mb / 18P
   HIGH RELIABILIIY CONVERTERS
REV. A
SHA1134 AD-SHA1134 Datasheet
1Mb / 4P
   GENERAL PURPOSE SAMPLE AND HOLD AMPLIFIER
More results

Similar Description - SHA-391K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com