Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M38274E1MXXXFS Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M38274E1MXXXFS
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M38274E1MXXXFS Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M38274E1MXXXFS Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M38274E1MXXXFS Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M38274E1MXXXFS Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M38274E1MXXXFS Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M38274E1MXXXFS Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M38274E1MXXXFS Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M38274E1MXXXFS Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M38274E1MXXXFS Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M38274E1MXXXFS Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
8
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3827 Group
MITSUBISHI MICROCOMPUTERS
Not available
Processor mode bits
b1 b0
0
0 : Single-chip mode
0
1 :
1
0 :
1
1 :
Stack page selection bit
0 : 0 page
1 : 1 page
Not used (returns “1” when read)
(Do not write “0” to this bit.)
Port XC switch bit
0 : Stop oscillating
1 : XCIN, XCOUT
Main clock ( XIN-XOUT) stop bit
0 : Oscillating
1 : Stopped
Main clock division ratio selection bit
0 : XIN/2 (high-speed mode)
1 : XIN/8 (middle-speed mode)
Internal system clock selection bit
0 : XIN-XOUT selected (middle-/high-speed mode)
1 : XCIN-XCOUT selected (low-speed mode)
CPU mode register
(CPUM (CM) : address 003B16)
b7
b0
FUNCTIONAL DESCRIPTION
Central Processing Unit (CPU)
The 3827 group uses the standard 740 family instruction set. Re-
fer to the table of 740 family addressing modes and machine
instructions or the 740 Family Software Manual for details on the
instruction set.
Machine-resident 740 family instructions are as follows:
The FST and SLW instruction cannot be used.
The STP, WIT, MUL, and DIV instruction can be used.
[CPU Mode Register (CPUM)] 003B16
The CPU mode register contains the stack page selection bit and
the internal system clock selection bit.
The CPU mode register is allocated at address 003B16.
Fig. 6 Structure of CPU mode register


Similar Part No. - M38274E1MXXXFS

ManufacturerPart #DatasheetDescription
logo
Heyco.
M3820 HEYCO-M3820 Datasheet
230Kb / 1P
   Tite Snap-In-2® Liquid Tight Cordgrips
logo
Mitsubishi Electric Sem...
M38203 MITSUBISHI-M38203 Datasheet
4Mb / 344P
   8-BIT SINGLE-CHIP MICROCOMPUTER
M38203E4 MITSUBISHI-M38203E4 Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4-XXXFP MITSUBISHI-M38203E4-XXXFP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M38203E4FP MITSUBISHI-M38203E4FP Datasheet
1Mb / 66P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results

Similar Description - M38274E1MXXXFS

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP85890A SONY-CXP85890A Datasheet
167Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP87240A SONY-CXP87240A Datasheet
635Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP872P48A SONY-CXP872P48A Datasheet
638Kb / 32P
   CMOS 8-bit Single Chip Microcomputer
CXP80712B SONY-CXP80712B Datasheet
567Kb / 24P
   CMOS 8-bit Single Chip Microcomputer
CXP818P48A SONY-CXP818P48A Datasheet
547Kb / 26P
   CMOS 8-bit Single Chip Microcomputer
CXP81900 SONY-CXP81900 Datasheet
545Kb / 8P
   CMOS 8-bit Single Chip Microcomputer
CXP81952 SONY-CXP81952 Datasheet
557Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP81952M SONY-CXP81952M Datasheet
364Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP819P60 SONY-CXP819P60 Datasheet
554Kb / 27P
   CMOS 8-bit Single Chip Microcomputer
CXP82000 SONY-CXP82000 Datasheet
286Kb / 6P
   CMOS 8-bit Single Chip Microcomputer
CXP820P60 SONY-CXP820P60 Datasheet
282Kb / 23P
   CMOS 8-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com