Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WBDDSS4-A-01-1002-JB Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # WBDDSS4-A-01-1002-JB
Description  Wire Bondable Resistor Network Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

WBDDSS4-A-01-1002-JB Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  WBDDSS4-A-01-1002-JB Datasheet HTML 1Page - IRC - a TT electronics Company. WBDDSS4-A-01-1002-JB Datasheet HTML 2Page - IRC - a TT electronics Company. WBDDSS4-A-01-1002-JB Datasheet HTML 3Page - IRC - a TT electronics Company. WBDDSS4-A-01-1002-JB Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire Bondable
Resistor Network Arrays
Manufacturing Capabilities Data
Absolute
TCR
(±ppm/°C)
Isolated schematic A
Bussed schematic B
Ohmic
range
(Ω)
Available
tolerances
Available
ratio
tolerances
Best TCR
tracking
(±ppm/°C)
Ohmic
range
(Ω)
Available
tolerances
Available
ratio
tolerances
Best TCR
tracking
(±ppm/°C)
300
10 - 25
F G J
F G
50
10 - 25
F G J
F G
200
26 - 50
D F G J
C D F
10
26 - 50
F G J
D F G
100
51 - 200
C D F G J
C D F G
5
51 - 100
D F G J
C D F G
50
201 - 2.5M
B C D F G J A B C D F G
5
101 - 200
D F G J
B C D F G
25
201 - 500
B C D F G J
B C D F G
20
501 - 1.25M B C D F G J A B C D F G
5
100
26 - 50
D F G J
C D F G
10
26 - 50
F G J
D F G
100
51 - 200
C D F G J
C D F G
5
51 - 100
D F G J
C D F G
50
201 - 2.5M
B C D F G J
A B F G
5
101 - 200
D F G J
B C D F G
25
201 - 500
B C D F G J
B C D F G
20
501 - 350K
B C D F G J A B C D F G
5
50
26 - 50
D F G J
C D F G
10
51 - 100
D F G J
C D F G
50
51 - 200
C D F G J
C D F G
5
101 - 200
D F G J
B C D F G
25
201 - 2.5M
B C D F G J
A B F G
5
201 - 500
B C D F G J
B C D F G
20
501 - 1.25M B C D F G J A B C D F G
5
25
51 - 200
C D F G J
C D F G
5
201 - 500
B C D F G J
B C D F G
20
201 - 2.5M
B C D F G J
A B F G
5
501 - 1.25M B C D F G J A B C D F G
5
WBC Series Issue January 2009 Sheet 2 of 4


Similar Part No. - WBDDSS4-A-01-1002-JB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
WBDDSS4-A-01-1002-J-A TTELEC-WBDDSS4-A-01-1002-J-A Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS4-A-01-1002-J-B TTELEC-WBDDSS4-A-01-1002-J-B Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS4-A-01-1002-J-C TTELEC-WBDDSS4-A-01-1002-J-C Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS4-A-01-1002-J-D TTELEC-WBDDSS4-A-01-1002-J-D Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
WBDDSS4-A-01-1002-J-F TTELEC-WBDDSS4-A-01-1002-J-F Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
More results

Similar Description - WBDDSS4-A-01-1002-JB

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
DSS4X TTELEC-DSS4X Datasheet
484Kb / 4P
   Wire Bondable Resistor Network Arrays
logo
Vishay Siliconix
CLA VISHAY-CLA Datasheet
103Kb / 3P
   Wire Bondable Thin Film Resistor Arrays
01-Jan-2022
MTT VISHAY-MTT Datasheet
101Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 06-Apr-17
MTR VISHAY-MTR Datasheet
92Kb / 3P
   Wire Bondable Thin Film Multi-Tap Resistor Arrays
Revision: 18-Apr-13
logo
TT Electronics.
WBC-RC TTELEC-WBC-RC Datasheet
524Kb / 3P
   Wire Bondable Resistor
logo
Vishay Siliconix
MTLP VISHAY-MTLP Datasheet
74Kb / 3P
   Wire Bondable Thin Film Micro-Strip Transmission Line Resistor Arrays
Revision: 16-Nov-17
logo
TT Electronics.
DSOT TTELEC-DSOT Datasheet
797Kb / 3P
   Wire Bondable Voltage Divider Network
logo
IRC - a TT electronics ...
WBD-DSOT23-00-1002-1002 IRCTT-WBD-DSOT23-00-1002-1002 Datasheet
338Kb / 3P
   Wire Bondable Voltage Divider Network
WBD-DSOT23V-470-M-470-M IRCTT-WBD-DSOT23V-470-M-470-M Datasheet
423Kb / 3P
   Wire Bondable Resistor/Capacitor Circuits
logo
Anaren Microwave
R1K131350R0G5F3 ANAREN-R1K131350R0G5F3 Datasheet
167Kb / 2P
   Wire Bondable
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com