Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSH4028-470N Datasheet(PDF) 5 Page - PREMO CORPORATION S.L

Part # PSH4028-470N
Description  SMD Power Inductors Shielded
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PSH4028-470N Datasheet(HTML) 5 Page - PREMO CORPORATION S.L

  PSH4028-470N Datasheet HTML 1Page - PREMO CORPORATION S.L PSH4028-470N Datasheet HTML 2Page - PREMO CORPORATION S.L PSH4028-470N Datasheet HTML 3Page - PREMO CORPORATION S.L PSH4028-470N Datasheet HTML 4Page - PREMO CORPORATION S.L PSH4028-470N Datasheet HTML 5Page - PREMO CORPORATION S.L PSH4028-470N Datasheet HTML 6Page - PREMO CORPORATION S.L PSH4028-470N Datasheet HTML 7Page - PREMO CORPORATION S.L PSH4028-470N Datasheet HTML 8Page - PREMO CORPORATION S.L PSH4028-470N Datasheet HTML 9Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PS
PS
PS
PSH3018
H3018
H3018
H3018 , PS
, PS
, PS
, PSH3027
H3027
H3027
H3027 , PS
, PS
, PS
, PSH4028
H4028
H4028
H4028 ,,,,
PS
PS
PS
PSH5018 , PSH5028
H5018 , PSH5028
H5018 , PSH5028
H5018 , PSH5028 & PS
PS
PS
PSH6022
H6022
H6022
H6022
SMD Power Inductors Shielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com
Web http://www.grupopremo.com
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
SMD Power Inductors
P
P
P
P
P
P
P
P
P
P
P
PR
R
R
R
R
R
R
R
R
R
R
RE
E
E
E
E
E
E
E
E
E
E
EM
M
M
M
M
M
M
M
M
M
M
MO
O
O
O
O
O
O
O
O
O
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
5
PSH5018
PSH5018
PSH5018
PSH5018 (1.2µH – 220µH)
PSH5018 – 151N
150.0±30%
100
9
1.650
0.28
0.35
PSH5018 – 181N
180.0±30%
100
8
2.300
0.25
0.32
PSH5018 – 221N
220.0±30%
100
7
2.500
0.23
0.30
PSH5028
PSH5028
PSH5028
PSH5028 (2.6µH – 680µH)
DWG No.
Inductance
(
µµµµH)
Test Freq.
L
(KHz)
SRF
(MHz)
typ.
RDC
(
Ω)
max.
Irms
(A)
max.
Isat
(A)
typ.
PSH5028 – 2R6N
2.6±30%
100
55.0
0.030
3.00
2.70
PSH5028 – 3R0N
3.0±30%
100
45.0
0.030
2.80
2.50
PSH5028 – 4R2N
4.2±30%
100
40.0
0.035
2.50
2.20
PSH5028 – 5R3N
5.3±30%
100
45.0
0.040
2.30
1.90
PSH5028 – 6R2N
6.2±30%
100
40.0
0.045
2.20
1.80
PSH5028 – 8R2N
8.2±30%
100
28.0
0.055
2.10
1.60
PSH5028 – 100N
10.0±30%
100
25.0
0.070
1.50
1.40
PSH5028 – 120N
12.0±30%
100
20.0
0.080
1.46
1.25
PSH5028 – 150N
15.0±30%
100
20.0
0.100
1.38
1.15
PSH5028 – 180N
18.0±30%
100
20.0
0.110
1.25
1.10
PSH5028 – 220N
22.0±30%
100
18.0
0.120
1.15
1.00
PSH5028 – 270N
27.0±30%
100
16.0
0.160
1.05
0.90
PSH5028 – 330N
33.0±30%
100
15.0
0.190
0.90
0.78
PSH5028 – 390N
39.0±30%
100
14.0
0.210
0.86
0.72
PSH5028 – 470N
47.0±30%
100
13.0
0.250
0.82
0.65
PSH5028 – 560N
56.0±30%
100
11.0
0.300
0.72
0.60
PSH5028 – 680N
68.0±30%
100
10.0
0.350
0.62
0.56
PSH5028 – 820N
82.0±30%
100
9.0
0.430
0.52
0.50
PSH5028 – 101N
100.0±30%
100
8.5
0.480
0.45
0.45
PSH5028 – 151N
150.0±30%
100
6.5
0.900
0.33
0.35
PSH5028 – 221N
220.0±30%
100
6.0
1.250
0.30
0.30
PSH5028 – 331N
330.0±30%
100
4.5
2.000
0.20
0.20
PSH5028 – 681N
680.0±30%
100
2.8
4.300
0.13
0.14


Similar Part No. - PSH4028-470N

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
PSH DDK-PSH Datasheet
838Kb / 5P
   Compact Coaxial Connector
logo
Wabash Transformer Inc.
PSH-06-10 WABASH-PSH-06-10 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-120 WABASH-PSH-06-120 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-126 WABASH-PSH-06-126 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
PSH-06-16 WABASH-PSH-06-16 Datasheet
680Kb / 2P
   Split Bobbin Power Transformer
More results

Similar Description - PSH4028-470N

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SRU5018 BOURNS-SRU5018 Datasheet
159Kb / 2P
   Shielded SMD Power Inductors
SRR4018 BOURNS-SRR4018_08 Datasheet
391Kb / 2P
   Shielded SMD Power Inductors
SRU3009 BOURNS-SRU3009 Datasheet
241Kb / 2P
   Shielded SMD Power Inductors
SRU5028 BOURNS-SRU5028_13 Datasheet
237Kb / 2P
   Shielded SMD Power Inductors
SRU6013 BOURNS-SRU6013 Datasheet
267Kb / 2P
   Shielded SMD Power Inductors
SRU6025 BOURNS-SRU6025_13 Datasheet
243Kb / 2P
   Shielded SMD Power Inductors
logo
List of Unclassifed Man...
SLF1045 ETC-SLF1045 Datasheet
29Kb / 1P
   SMD Shielded Power Inductors
logo
Bourns Electronic Solut...
SRR1240 BOURNS-SRR1240 Datasheet
272Kb / 2P
   Shielded SMD Power Inductors
SRU8028 BOURNS-SRU8028 Datasheet
157Kb / 2P
   Shielded SMD Power Inductors
SRU5011 BOURNS-SRU5011_13 Datasheet
221Kb / 2P
   Shielded SMD Power Inductors
SRU5018 BOURNS-SRU5018_13 Datasheet
210Kb / 2P
   Shielded SMD Power Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com