Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT1018 Datasheet(PDF) 11 Page - Cadeka Microcircuits LLC.

Part # SPT1018
Description  18-BIT, HIGH SPEED D/A CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1018 Datasheet(HTML) 11 Page - Cadeka Microcircuits LLC.

Back Button SPT1018 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1018 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1018 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1018 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1018 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1018 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT1018 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT1018 Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT1018 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SPT1018
ORDERING INFORMATION
PART NUMBER
DESCRIPTION
TEMPERATURE RANGE
PACKAGE
SPT1018AIN
8-BIT, 275 MWPS DAC
-25 to +85
°C
24L PDIP
SPT1018BIN
8-BIT, 165 MWPS DAC
-25 to +85
°C
24L PDIP
PIN ASSIGNMENTS
PIN FUNCTIONS
Name
Function
D3
Data Bit 3
D2
Data Bit 2
D1
Data Bit 1
D0
Data Bit 0 (LSB)
VEE
Negative Supply
CONV
Convert Clock Input
CONV
Convert Clock Input Complement
FT
Register Feedthrough Control
VCC
Positive Supply
FH
Data Force High Control
Blank
Video Blank Input
BRT
Video Bright Input
Sync
Video Sync Input
Ref-
Reference Current - Input
Ref+
Reference Current + Input
COMP
Compensation Input
Out-
Output Current Negative
Out+
Output Current Positive
D7
Data Bit 7 (MSB)
D6
Data Bit 6
D5
Data Bit 5
D4
Data Bit 4
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
D4
D5
D6
D7
V
Out +
Out -
VCC
Ref-
Sync
EE
D3
D2
D1
D0
VEE
CONV
FT
VCC
FH
Blank
BRT
CONV
Comp
Ref+
PDIP
11
5/14/97


Similar Part No. - SPT1018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1018AIN ETC1-SPT1018AIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1018BIN ETC1-SPT1018BIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT1018

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com