Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPT1018AIN Datasheet(PDF) 8 Page - Cadeka Microcircuits LLC.

Part # SPT1018AIN
Description  18-BIT, HIGH SPEED D/A CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT1018AIN Datasheet(HTML) 8 Page - Cadeka Microcircuits LLC.

Back Button SPT1018AIN Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 10Page - Cadeka Microcircuits LLC. SPT1018AIN Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SPT1018
Figure 4 - CONVert, CONVert Switching Levels
V
IDF
V
ICM MAX
0.0 V
-1.3 V
CONV
CONV
V
ICM MIN
Figure 5A - Standard Load
OUT +
Video Monitor
Inverse
Video
OUT-
RL
75
75
Ω COAX
RS
75
RL
75
75
Ω COAX
RS
75
SPT1018
Figure 5B - Test Load
Video Out
0 to -1 Volt
OUT +
OUT -
RL
37.5Ω
CL
<5 pF
TYPICAL RGB GRAPHICS SYSTEM
In an RGB graphics system, the color displayed is determined
by the combined intensities of the red, green and blue (RGB)
D/A converter outputs. A change in gain or offset in any of the
RGB outputs will affect the apparent hue displayed on the
CRT screen.
Thus, it is very important that the outputs of the D/A convert-
ers track each other over a wide range of operating condi-
tions. Since the D/A output is proportional to the product of the
reference and digital input code, a common reference should
be used to drive all three D/As in an RGB system to minimize
RGB DAC-to-DAC mismatch and improve TC tracking.
The SPT1019 contains an internal precision bandgap refer-
ence which completely eliminates the need for an external
reference. The reference can supply up to 50
µA to an
external load, such as two other DAC reference inputs. (See
the SPT1019 data sheet).
The circuits shown in figure 6 illustrate how a single SPT1019
may be used as a master reference in a system with multiple
DACs (such as RGB). The other DACs are simply slaved from
the SPT1019’s reference output. The SPT1018s shown are
especially well-suited to be slaved to a SPT1019 for a better
TC tracking from DAC-to-DAC, since they are essentially
SPT1019s without the reference. The SPT1018 is pin-com-
patible with the TDC1018, that does not have an internal
reference. Although either the TDC1018 or the SPT1018 may
be slaved from an SPT1019, the higher performance
SPT1018 and the above mentioned DAC-to-DAC TC track-
ing is the best choice for new designs.
No external reference is required for operation of the
SPT1019, as this function is provided internally. The internal
reference is a bandgap type and is suitable for operation over
extended temperature ranges. The SPT1018 must use an
external reference.
Figure 6 - Typical RGB Graphics System
Ref-
Ref+
750
500
750
500
R
G
1 k
Ref-
Ref+
B
1 k
Ref Out
ISet
R2
750
R1
500
IRef
ISet
ISet
ISet
SPT1019
(Master)
SPT1018
(Slave)
SPT1018
(Slave)
Figure 7 - Burn-In Circuit
CONV
1 k
100
6.5
-1.2 V
(Max 1.5 mA)
1 k
24 Pin DIP
All Resistors Are 5% 1/4 W cc
Clock = -0.9 to -1.7 V, 100 kHz
Ref+
CONV
1 k
VCC
Clock
(Max 60 µA)
-5.9 V
(Max 200 mA)
(Max 50 mA)
Out-
Ref-
VEE
Out+
-1.3 V
(Max 60 µA)
1 k
6.5
100
(Max 50 mA)
(Max 1.5 mA)
8
5/14/97


Similar Part No. - SPT1018AIN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT1018AIN ETC1-SPT1018AIN Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
More results

Similar Description - SPT1018AIN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9000 AD-AD9000 Datasheet
205Kb / 8P
   High Speed 6-Bit A/D Converter
REV. A
logo
API Technologies Corp
MN3014 APITECH-MN3014 Datasheet
620Kb / 2P
   High-speed 8-bit D/A Converter
logo
Maxim Integrated Produc...
MX578 MAXIM-MX578 Datasheet
230Kb / 6P
   High Speed 12 Bit A/D Converter
logo
List of Unclassifed Man...
SPT1018 ETC1-SPT1018 Datasheet
160Kb / 11P
   8-BIT, HIGH SPEED D/A CONVERTER
SPT1019 ETC2-SPT1019 Datasheet
801Kb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
Integrated Circuit Syst...
MN3014 ICST-MN3014 Datasheet
616Kb / 2P
   High-speed 8-bit D/A Converter
logo
Analog Devices
AD9000 AD-AD9000_15 Datasheet
209Kb / 8P
   HIGH SPEED 6 BIT A/D CONVERTER
REV. A
logo
Cadeka Microcircuits LL...
SPT1019 CADEKA-SPT1019 Datasheet
4Mb / 12P
   8-BIT, HIGH SPEED D/A CONVERTER
logo
NEC
UPC624 NEC-UPC624 Datasheet
447Kb / 9P
   8-BIT HIGH-SPEED MULTIPLYING D/A CONVERTER
logo
New Japan Radio
NJMDAC-08C NJRC-NJMDAC-08C Datasheet
206Kb / 7P
   8-BIT HIGH SPEED MULTIPLYING D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com