Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PN0603-680K Datasheet(PDF) 7 Page - PREMO CORPORATION S.L

Part # PN0603-680K
Description  SMD Power Inductors Unshielded
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREMO [PREMO CORPORATION S.L]
Direct Link  http://www.grupopremo.com
Logo PREMO - PREMO CORPORATION S.L

PN0603-680K Datasheet(HTML) 7 Page - PREMO CORPORATION S.L

Back Button PN0603-680K Datasheet HTML 3Page - PREMO CORPORATION S.L PN0603-680K Datasheet HTML 4Page - PREMO CORPORATION S.L PN0603-680K Datasheet HTML 5Page - PREMO CORPORATION S.L PN0603-680K Datasheet HTML 6Page - PREMO CORPORATION S.L PN0603-680K Datasheet HTML 7Page - PREMO CORPORATION S.L PN0603-680K Datasheet HTML 8Page - PREMO CORPORATION S.L PN0603-680K Datasheet HTML 9Page - PREMO CORPORATION S.L PN0603-680K Datasheet HTML 10Page - PREMO CORPORATION S.L PN0603-680K Datasheet HTML 11Page - PREMO CORPORATION S.L Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
PN0315 , PN0302 , PN0403 , PN0502 ,
PN0602 , PN0603 , PN54 , PN75 ,
PN105 , PN1011 & PN1307
SMD Power Inductors Unshielded
C/Severo Ochoa 33 – Parque Tecnológico de Andalucía. 29590 Campanillas .Málaga (Spain)
Phone +34 951 231 320 Fax +34 951 231 321
E-mail: mar.villarrubia@grupopremo.com Web http://www.grupopremo.com
SMD Power Inductors
P
PPR
R
RE
EEM
M
MO
O
O
All rights reserved. Passing on of this document, use and communication of contents not permitted without written authorisation.
7
PN0603 (1.5µH – 470µH)
PN0603 – 680K
68.0±10%
17
1
2.52
12.0
0.720
0.44
PN0603 – 820K
82.0±10%
15
1
2.52
11.0
0.840
0.40
PN0603 – 101K
100.0±10%
28
1
0.796
9.6
0.950
0.38
PN0603 – 121K
120.0±10%
27
1
0.796
8.1
1.100
0.36
PN0603 – 151K
150.0±10%
28
1
0.796
7.5
1.430
0.32
PN0603 – 181K
180.0±10%
26
1
0.796
6.9
1.600
0.30
PN0603 – 221K
220.0±10%
26
1
0.796
5.5
2.000
0.26
PN0603 – 271K
270.0±10%
26
1
0.796
4.9
2.400
0.24
PN0603 – 331K
330.0±10%
28
1
0.796
4.7
3.200
0.20
PN0603 – 391K
390.0±10%
28
1
0.796
4.1
3.400
0.18
PN0603 – 471K
470.0±10%
29
1
0.796
3.5
4.550
0.15
PN54 (1.2µH – 820µH)
Test Freq.
DWG No.
Inductance
(µH)
Q
ref.
L
(KHz)
Q
(MHz)
SRF
(MHz)
nom.
RDC
(Ω)
max.
IDC
(A)
max.
PN54 – 1R2M
1.2±20%
35
1
7.96
155.0
0.020
4.20
PN54 – 1R5M
1.5±20%
32
1
7.96
108.0
0.024
3.60
PN54 – 2R2M
2.2±20%
33
1
7.96
79.0
0.031
2.80
PN54 – 2R7M
2.7±20%
22
1
7.96
65.0
0.055
2.30
PN54 – 3R3M
3.3±20%
22
1
7.96
60.0
0.060
2.00
PN54 – 3R9M
3.9±20%
22
1
7.96
40.0
0.065
1.90
PN54 – 4R7M
4.7±20%
20
1
7.96
34.0
0.070
1.80
PN54 – 5R6M
5.6±20%
20
1
7.96
30.0
0.075
1.70
PN54 – 6R8M
6.8±20%
20
1
7.96
28.0
0.080
1.60
PN54 – 8R2M
8.2±20%
20
1
7.96
26.0
0.090
1.50
PN54 – 100M
10.0±20%
30
1
2.52
23.0
0.100
1.45
PN54 – 120M
12.0±20%
30
1
2.52
22.0
0.120
1.40
PN54 – 150L
15.0±15%
30
1
2.52
20.0
0.140
1.30
PN54 – 180L
18.0±15%
30
1
2.52
18.0
0.150
1.25
PN54 – 220L
22.0±15%
30
1
2.52
16.0
0.190
1.10
PN54 – 270L
27.0±15%
28
1
2.52
14.0
0.220
1.00
PN54 – 330K
33.0±10%
24
1
2.52
13.0
0.250
0.88
PN54 – 390K
39.0±10%
24
1
2.52
13.0
0.320
0.80
PN54 – 470K
47.0±10%
22
1
2.52
12.0
0.370
0.72
PN54 – 560K
56.0±10%
22
1
2.52
11.0
0.420
0.68
PN54 – 680K
68.0±10%
22
1
2.52
10.0
0.520
0.62


Similar Part No. - PN0603-680K

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PN06L05 INFINEON-PN06L05 Datasheet
310Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
logo
VBsemi Electronics Co.,...
PN06L13 VBSEMI-PN06L13 Datasheet
967Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - PN0603-680K

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
SPDR0403-1R0M PRODUCTWELL-SPDR0403-1R0M Datasheet
135Kb / 7P
   UNSHIELDED SMD POWER INDUCTORS
logo
PREMO CORPORATION S.L
PN0805 PREMO-PN0805 Datasheet
121Kb / 7P
   SMD Power Inductors Unshielded
PN1105 PREMO-PN1105 Datasheet
631Kb / 4P
   SMD Power Inductors Unshielded
PS5009 PREMO-PS5009 Datasheet
1Mb / 8P
   SMD Power Inductors Unshielded
logo
WALSIN TECHNOLOGY CORPO...
WLSN032D WALSIN-WLSN032D Datasheet
319Kb / 6P
   SMD Unshielded Power Inductors
WLSN084F WALSIN-WLSN084F Datasheet
298Kb / 6P
   SMD Unshielded Power Inductors
logo
List of Unclassifed Man...
SCD ETC2-SCD Datasheet
244Kb / 7P
   SMD Unshielded Power Inductors
SSL ETC2-SSL Datasheet
960Kb / 9P
   SMD Unshielded Power Inductors
logo
WALSIN TECHNOLOGY CORPO...
WLSN054D WALSIN-WLSN054D Datasheet
335Kb / 6P
   SMD Unshielded Power Inductors
WLSN075D WALSIN-WLSN075D Datasheet
1Mb / 6P
   Unshielded SMD Power Inductors
logo
PREMO CORPORATION S.L
CDH50 PREMO-CDH50 Datasheet
99Kb / 4P
   SMD Power Inductors Unshielded
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com