Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT46GA90JD40 Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT46GA90JD40
Description  High Speed PT IGBT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT46GA90JD40 Datasheet(HTML) 4 Page - Microsemi Corporation

  APT46GA90JD40 Datasheet HTML 1Page - Microsemi Corporation APT46GA90JD40 Datasheet HTML 2Page - Microsemi Corporation APT46GA90JD40 Datasheet HTML 3Page - Microsemi Corporation APT46GA90JD40 Datasheet HTML 4Page - Microsemi Corporation APT46GA90JD40 Datasheet HTML 5Page - Microsemi Corporation APT46GA90JD40 Datasheet HTML 6Page - Microsemi Corporation APT46GA90JD40 Datasheet HTML 7Page - Microsemi Corporation APT46GA90JD40 Datasheet HTML 8Page - Microsemi Corporation APT46GA90JD40 Datasheet HTML 9Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
0
1000
2000
3000
4000
5000
6000
7000
0
25
50
75
100
125
0
2000
4000
6000
8000
10000
12000
0
10
20
30
40
50
0
1000
2000
3000
4000
5000
6000
0
20
40
60
80
100
0
1000
2000
3000
4000
5000
6000
7000
0
20
40
60
80
100
0
40
80
120
160
200
0
20
40
60
80
100
0
20
40
60
80
100
0
20
40
60
80
100
0
50
100
150
200
250
300
0
20
40
60
80
100
0
10
20
30
40
50
0
20
40
60
80
100
V
GE =15V,TJ=125°C
V
GE =15V,TJ=25°C
V
CE = 600V
R
G = 4.7Ω
L = 100μH
V
CE = 600V
V
GE = +15V
R
G =4.7Ω
V
CE = 600V
T
J = 25°C, or 125°C
R
G = 4.7Ω
L = 100μH
V
CE = 600V
V
GE = +15V
R
G = 4.7Ω
V
CE = 600V
V
GE = +15V
R
G = 4.7Ω
R
G = 4.7Ω, L = 100
μ
H, V
CE = 600V
T
J = 125°C
T
J = 25°C
T
J = 125°C
T
J = 25°C
R
G = 4.7Ω, L = 100
μ
H, V
CE = 600V
T
J = 25 or 125°C,VGE = 15V
T
J = 125°C, VGE = 15V
T
J = 25°C, VGE = 15V
E
on2,94A
E
on2,47A
E
off,47A
E
on2,23.5A
E
off,23.5A
V
CE = 600V
V
GE = +15V
T
J = 125°C
E
on294A
E
on2,47A
E
off,94A
E
off,47A
E
on2,23.5A
E
off,23.5A
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 9, Turn-On Delay Time vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 10, Turn-Off Delay Time vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 11, Current Rise Time vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 12, Current Fall Time vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 13, Turn-On Energy Loss vs Collector Current
I
CE, COLLECTOR-TO-EMITTER CURRENT (A)
FIGURE 14, Turn-Off Energy Loss vs Collector Current
R
G, GATE RESISTANCE (OHMS)
FIGURE 15, Switching Energy Losses vs Gate Resistance
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 16, Switching Energy Losses vs Junction Temperature
E
off,94A
Typical Performance Curves
APT46GA90JD40


Similar Part No. - APT46GA90JD40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT46GA90JD40 MICROSEMI-APT46GA90JD40 Datasheet
2Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
More results

Similar Description - APT46GA90JD40

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT28GA60K MICROSEMI-APT28GA60K Datasheet
214Kb / 6P
   High Speed PT IGBT
APT64GA90B MICROSEMI-APT64GA90B Datasheet
205Kb / 6P
   High Speed PT IGBT
APT64GA90LD30 MICROSEMI-APT64GA90LD30 Datasheet
234Kb / 9P
   High Speed PT IGBT
APT102GA60B2 MICROSEMI-APT102GA60B2 Datasheet
232Kb / 6P
   High Speed PT IGBT
APT27GA90K MICROSEMI-APT27GA90K Datasheet
222Kb / 6P
   High Speed PT IGBT
APT35GA90B MICROSEMI-APT35GA90B Datasheet
216Kb / 6P
   High Speed PT IGBT
APT80GA60LD40 MICROSEMI-APT80GA60LD40 Datasheet
248Kb / 9P
   High Speed PT IGBT
APT80GA90B MICROSEMI-APT80GA90B Datasheet
220Kb / 6P
   High Speed PT IGBT
APT20GN60BDQ1 MICROSEMI-APT20GN60BDQ1 Datasheet
160Kb / 9P
   High Speed PT IGBT
APT20GN60K MICROSEMI-APT20GN60K Datasheet
173Kb / 6P
   High Speed PT IGBT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com