Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50GN60BG Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT50GN60BG
Description  Resonant Mode Combi IGBT
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50GN60BG Datasheet(HTML) 3 Page - Microsemi Corporation

  APT50GN60BG Datasheet HTML 1Page - Microsemi Corporation APT50GN60BG Datasheet HTML 2Page - Microsemi Corporation APT50GN60BG Datasheet HTML 3Page - Microsemi Corporation APT50GN60BG Datasheet HTML 4Page - Microsemi Corporation APT50GN60BG Datasheet HTML 5Page - Microsemi Corporation APT50GN60BG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TYPICAL PERFORMANCE CURVES
APT50GN60B_S(G)
250µs PULSE
TEST<0.5 % DUTY
CYCLE
15V
9V
8V
7V
10V
V
GE = 15V.
250µs PULSE TEST
<0.5 % DUTY CYCLE
V
CE
, COLLECTER-TO-EMITTER VOLTAGE (V)
V
CE
, COLLECTER-TO-EMITTER VOLTAGE (V)
FIGURE 1, Output Characteristics(T
J
= 25°C)
FIGURE 2, Output Characteristics (T
J
= 125°C)
V
GE
, GATE-TO-EMITTER VOLTAGE (V)
GATE CHARGE (nC)
FIGURE 3, Transfer Characteristics
FIGURE 4, Gate Charge
V
GE
, GATE-TO-EMITTER VOLTAGE (V)
T
J
, Junction Temperature (°C)
FIGURE 5, On State Voltage vs Gate-to- Emitter Voltage
FIGURE 6, On State Voltage vs Junction Temperature
T
J
, JUNCTION TEMPERATURE (°C)
T
C
, CASE TEMPERATURE (°C)
FIGURE 7, Breakdown Voltage vs. Junction Temperature
FIGURE 8, DC Collector Current vs Case Temperature
160
140
120
100
80
60
40
20
0
160
140
120
100
80
60
40
20
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
1.10
1.05
1.00
0.95
0.90
200
180
160
140
120
100
80
60
40
20
0
16
14
12
10
8
6
4
2
0
3.0
2.5
2.0
1.5
1.0
0.5
0
140
120
100
80
60
40
20
0
13V
11V
12V
V
CE
= 120V
V
CE
=480V
0
1
2
3
4
5
0
5
10
15
20
25
30
0
2
4
6
8
10
12
14
0
50
100 150 200 250 300 350 400
8
10
12
14
16
0
25
50
75
100
125
150
175
-50 -25
0
25
50
75 100 125 150 175
-50 -25
0
25
50
75 100 125 150 175
V
CE
= 300V
I
C
= 50A
T
J
= 25°C
T
J = 25°C.
250µs PULSE TEST
<0.5 % DUTY CYCLE
I
C
= 50A
I
C
= 100A
I
C
= 25A
I
C
= 100A
I
C
= 50A
I
C
= 25A
T
J = 125°C
T
J = 25°C
T
J = -55°C
T
J = 175°C
T
J = 125°C
T
J = 25°C
T
J = -55°C
T
J = 175°C
V
GE
= 15V
Lead Temperature
Limited
Lead Temperature
Limited


Similar Part No. - APT50GN60BG

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT50GN60BG ADPOW-APT50GN60BG Datasheet
292Kb / 6P
   IGBT
logo
Microsemi Corporation
APT50GN60BG MICROSEMI-APT50GN60BG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules
APT50GN60BG MICROSEMI-APT50GN60BG Datasheet
2Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
APT50GN60BG MICROSEMI-APT50GN60BG Datasheet
9Mb / 44P
   Power Semiconductors Power Modules RF Power MOSFETs
More results

Similar Description - APT50GN60BG

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT15GP60BDL MICROSEMI-APT15GP60BDL Datasheet
212Kb / 9P
   Resonant Mode Combi IGBT
APT30GS60BRDL MICROSEMI-APT30GS60BRDL Datasheet
214Kb / 9P
   Resonant Mode Combi IGBT
APT30GT60BRDL MICROSEMI-APT30GT60BRDL Datasheet
202Kb / 9P
   Resonant Mode Combi IGBT
APT100GT60JRDL MICROSEMI-APT100GT60JRDL Datasheet
206Kb / 9P
   Resonant Mode Combi IGBT
APT30GN60B MICROSEMI-APT30GN60B Datasheet
129Kb / 6P
   Resonant Mode Combi IGBT
APT30GN60K MICROSEMI-APT30GN60K Datasheet
150Kb / 6P
   Resonant Mode Combi IGBT
APT50GS60BRDL MICROSEMI-APT50GS60BRDL Datasheet
251Kb / 9P
   Resonant Mode Combi IGBT
APT50GP60LDL MICROSEMI-APT50GP60LDL Datasheet
203Kb / 9P
   Resonant Mode Combi IGBT
APT50GT60BRDL MICROSEMI-APT50GT60BRDL Datasheet
200Kb / 9P
   Resonant Mode Combi IGBT
APT30GN60BDQ2 MICROSEMI-APT30GN60BDQ2 Datasheet
159Kb / 9P
   Resonant Mode Combi IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com