Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GUS-SS4ALF-03-1002-B Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # GUS-SS4ALF-03-1002-B
Description  Surface Mount SOIC Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

GUS-SS4ALF-03-1002-B Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  GUS-SS4ALF-03-1002-B Datasheet HTML 1Page - IRC - a TT electronics Company. GUS-SS4ALF-03-1002-B Datasheet HTML 2Page - IRC - a TT electronics Company. GUS-SS4ALF-03-1002-B Datasheet HTML 3Page - IRC - a TT electronics Company. GUS-SS4ALF-03-1002-B Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Surface Mount SOIC
Resistor Networks
1
2
3
N
0.050" Typ
H
E
C
D
0.016" ± .002"
0.007" ±0.003"
A
0° min / 8° max
.033
"±0.017
Power Derating Curve
25
70
125
100
50
10
Ambient Temperature (°C)
Physical and Schematic Data
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3
For additional information or to discuss your specific requirements, please contact our
Applications Team using the contact details below.
N
N
Schematic A
Isolated
Schematic B
Bussed
Note: N = number of pins (8, 14, 16)
R1
1
2
3
R1
1
2
3
Note: All dimesions exclude mold flash and end flash
which shall not exceed 0.006” per side.
Note: Lead Coplanarity 0.004” Max.
Note: N = number of pins (8, 14, 16)
SOIC-N
SOIC-W
8-Pin
14-Pin
16-Pin
16-Pin
20-Pin
D
0.193”±0.004
0.341”±0.004
0.390”±0.004
0.402”±0.004
0.502”±0.004
H
0.236”±0.008
0.406”±0.008
E
0.153”±.004
0.295”±0.004
A
0.064”±0.004
0.100”±0.004
C
0.0075” - 0.010”
0.011”±0.002
SOIC Series Issue January 2009 Sheet 3 of 4


Similar Part No. - GUS-SS4ALF-03-1002-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
GUS-SL20P-330-K-470-K IRCTT-GUS-SL20P-330-K-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-SL20P-330-K-470-M IRCTT-GUS-SL20P-330-K-470-M Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-SL20P-330-M-470-K IRCTT-GUS-SL20P-330-M-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-SL20P-330-M-470-M IRCTT-GUS-SL20P-330-M-470-M Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
GUS-SL20PLF-330-K-470-K IRCTT-GUS-SL20PLF-330-K-470-K Datasheet
175Kb / 2P
   TaNCap짰 AC Line Termination Network
More results

Similar Description - GUS-SS4ALF-03-1002-B

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
SOIC WELWYN-SOIC Datasheet
429Kb / 3P
   Surface Mount SOIC Resistor Networks
logo
IRC - a TT electronics ...
GUS-TS8A-00-1002-J IRCTT-GUS-TS8A-00-1002-J Datasheet
336Kb / 4P
   Surface Mount TSSOP Resistor Networks
logo
TT Electronics.
GUS-QS8BLF012001-G TTELEC-GUS-QS8BLF012001-G Datasheet
336Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
IRC - a TT electronics ...
SOT-SOT143-00-A002-G IRCTT-SOT-SOT143-00-A002-G Datasheet
344Kb / 3P
   SOT143 Surface Mount Resistor Networks
GUS-QS8A-00-1002-J IRCTT-GUS-QS8A-00-1002-J Datasheet
387Kb / 4P
   Surface Mount QSOP Resistor Networks
logo
Bi technologies
627T BITECH-627T Datasheet
153Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
627T BITECH-627T Datasheet
61Kb / 4P
   CCITT V.35 Termination Surface Mount Resistor Networks
logo
Welwyn Components Limit...
627T WELWYN-627T Datasheet
182Kb / 4P
   CITT V.35 Termination Surface Mount Resistor Networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
logo
Bi technologies
627V100 BITECH-627V100 Datasheet
53Kb / 4P
   Designed For Pentium Power Supply Surface Mount Resistor Networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com